Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 233 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 233 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 229Page - STMicroelectronics ST10F280_12 Datasheet HTML 230Page - STMicroelectronics ST10F280_12 Datasheet HTML 231Page - STMicroelectronics ST10F280_12 Datasheet HTML 232Page - STMicroelectronics ST10F280_12 Datasheet HTML 233Page - STMicroelectronics ST10F280_12 Datasheet HTML 234Page - STMicroelectronics ST10F280_12 Datasheet HTML 235Page - STMicroelectronics ST10F280_12 Datasheet HTML 236Page - STMicroelectronics ST10F280_12 Datasheet HTML 237Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 239 page
background image
ST10F280
Electrical characteristics
Doc ID 8673 Rev. 3
233/239
Slave mode
VCC = 5 V ±10%, VSS = 0 V, CPU clock = 40 MHz, TA = -40°C to 125°C, CL = 50 pF
The formula for SSC Clock Cycle time is: t310 = 4 TCL * (<SSCBR> + 1)
Where <SSCBR> represents the content of the SSC Baud rate register, taken as unsigned
16-bit integer.
Table 53.
SSC slave timing
Symbol
Parameter
Maximum Baud
rate=10MBd
(<SSCBR> = 0001h)
Variable Baud rate
(<SSCBR>=0001h-
FFFFh)
Min.
Max.
Min.
Max.
t310
SR SSC clock cycle time
100
100
8 TCL
262144
TCL
ns
t311
SR SSC clock high time
40
–
t310/2 - 10
–
ns
t312
SR SSC clock low time
40
–
t310/2 - 10
–
ns
t313
SR SSC clock rise time
–
10
–
10
ns
t314
SR SSC clock fall time
–
10
–
10
ns
t315
CC
Write data valid after shift
edge
–39
–
2 TCL +
14
ns
t316
CC
Write data hold after shift
edge
0–
0
–
ns
t317p
SR
Read data setup time before
latch edge, phase error
detection on (SSCPEN = 1)
62
–
4 TCL +
12
–ns
t318p
(1)
1.
Timing guaranteed by design.
SR
Read data hold time after
latch edge, phase error
detection on (SSCPEN = 1)
87
–
6 TCL +
12
–ns
t317
SR
Read data setup time before
latch edge, phase error
detection off (SSCPEN = 0)
6–
6
–
ns
t318
SR
Read data hold time after
latch edge, phase error
detection off (SSCPEN = 0)
31
–
2 TCL + 6
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com