Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 232 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 232 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 228Page - STMicroelectronics ST10F280_12 Datasheet HTML 229Page - STMicroelectronics ST10F280_12 Datasheet HTML 230Page - STMicroelectronics ST10F280_12 Datasheet HTML 231Page - STMicroelectronics ST10F280_12 Datasheet HTML 232Page - STMicroelectronics ST10F280_12 Datasheet HTML 233Page - STMicroelectronics ST10F280_12 Datasheet HTML 234Page - STMicroelectronics ST10F280_12 Datasheet HTML 235Page - STMicroelectronics ST10F280_12 Datasheet HTML 236Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 239 page
background image
Electrical characteristics
ST10F280
232/239
Doc ID 8673 Rev. 3
The formula for SSC Clock Cycle time is: t300 = 4 TCL * (<SSCBR> + 1)
Where <SSCBR> represents the content of the SSC Baud rate register, taken as unsigned
16-bit integer.
Figure 91.
SSC master timing
1.
The phase and polarity of shift and latch edge of SCLK is programmable. This figure uses the leading clock
edge as shift edge (drawn in bold), with latch on trailing edge (SSCPH = 0b), Idle clock line is low, leading
clock edge is low-to-high transition (SSCPO = 0b).
2.
The bit timing is repeated for all bits to be transmitted or received.
t307p
SR
Read data setup time
before latch edge, phase
error detection on
(SSCPEN = 1)
37.5
–
2 TCL +
12.5
–ns
t308p
SR
Read data hold time after
latch edge, phase error
detection on (SSCPEN = 1)
50
–
4 TCL
–
ns
t307
SR
Read data setup time
before latch edge, phase
error detection off
(SSCPEN = 0)
25
–
2 TCL
–
ns
t308
SR
Read data hold time after
latch edge, phase error
detection off (SSCPEN = 0)
0–
0
–
ns
1.
Timing guaranteed by design.
Table 52.
SSC master timing (continued)
Symbol
Parameter
Maximum Baud rate =
10M Baud (<SSCBR> =
0001h)
Variable Baud rate
(<SSCBR>=0001h-
FFFFh)
Min.
Max.
Min.
Max.
t
303
t
304
t
305
t
305
t
305
t
306
t
i
B
t
u
O
t
s
a
L
t
i
B
t
u
O
t
s
1
2nd Out Bit
t
300
t
302
t
301
1)
2)
t
307
2nd.In Bit
1st.In Bit
t
308
t
307
Last.In Bit
t
308
SCLK
MTSR
MRST
GAPGCFT00946



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com