Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 228 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 228 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 224Page - STMicroelectronics ST10F280_12 Datasheet HTML 225Page - STMicroelectronics ST10F280_12 Datasheet HTML 226Page - STMicroelectronics ST10F280_12 Datasheet HTML 227Page - STMicroelectronics ST10F280_12 Datasheet HTML 228Page - STMicroelectronics ST10F280_12 Datasheet HTML 229Page - STMicroelectronics ST10F280_12 Datasheet HTML 230Page - STMicroelectronics ST10F280_12 Datasheet HTML 231Page - STMicroelectronics ST10F280_12 Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 239 page
background image
Electrical characteristics
ST10F280
228/239
Doc ID 8673 Rev. 3
t34
CC
CLKOUT rising edge to
ALE falling edge
-2 + tA
8 + tA
-2 + tA
8 + tA
ns
t35
SR
Synchronous READY
setup time to CLKOUT
12.5
–
12.5
–
ns
t36
SR
Synchronous READY hold
time after CLKOUT
2–
2
–
ns
t37
SR
Asynchronous READY low
time
35
–
2 TCL + 10
–
ns
t58
SR
Asynchronous READY
setup time (1)
12.5
–
12.5
–
ns
t59
SR
Asynchronous READY
hold time (1)
2–
2
–
ns
t60
SR
Asynchronous READY
hold time after RD, WR
high (Demultiplexed
Bus)(2)
0
0 + 2tA + tC +
tF
(2)
0
TCL - 12.5
+ 2tA + tC + tF
(2)
ns
1.
These timings are given for test purposes only, in order to assure recognition at a specific clock edge.
2.
Demultiplexed bus is the worst case. For multiplexed bus 2 TCL are to be added to the maximum values.
This adds even more time for deactivating READY.
The 2tA and tC refer to the next following bus cycle, tF refers to the current bus cycle.
Table 50.
CLKOUT and READY characteristics (continued)
Symbol
Parameter
Maximum CPU Clock
= 40MHz
Variable CPU Clock
1/2 TCL = 1 to 40MHz
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com