Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F280 Datasheet(PDF) 235 Page - STMicroelectronics

Part # ST10F280
Description  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 Datasheet(HTML) 235 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 231Page - STMicroelectronics ST10F280_12 Datasheet HTML 232Page - STMicroelectronics ST10F280_12 Datasheet HTML 233Page - STMicroelectronics ST10F280_12 Datasheet HTML 234Page - STMicroelectronics ST10F280_12 Datasheet HTML 235Page - STMicroelectronics ST10F280_12 Datasheet HTML 236Page - STMicroelectronics ST10F280_12 Datasheet HTML 237Page - STMicroelectronics ST10F280_12 Datasheet HTML 238Page - STMicroelectronics ST10F280_12 Datasheet HTML 239Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 235 / 239 page
background image
ST10F280
Package information
Doc ID 8673 Rev. 3
235/239
21
Package information
21.1
ECOPACK®
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
21.2
PBGA 208 (23 x 23 x 1.96 mm) mechanical data
Figure 93.
Package outline PBGA 208 (23 x 23 x 1.96 mm)
1.
PBGA stands for Plastic Ball Grid Array.
2.
The terminal A1 corner must be identified on the top surface of the package by using a corner chamfer, ink
or metallized markings, identation or other feature of package body or integral heastslug. A distinguishing
feature is allowable on the bottom of the package to identify the terminal A1 corner. Exact shape and size
of this feature is optional.
A1
E1
φ b (208 + 25 BALLS)
U
T
R
P
N
M
L
K
10 11 12 13 14 15 16 17
678
9
J
G
F
H
E
D
B
A
C
45
123
A1 BALL PAD CORNER 2
f
E
e
e
D1
D
f
A2
A3
C
SEATING
PLANE
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com