Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 13 Page - SPANSION

Part # S29AS008J
Description  8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS008J Datasheet(HTML) 13 Page - SPANSION

Back Button S29AS008J Datasheet HTML 9Page - SPANSION S29AS008J Datasheet HTML 10Page - SPANSION S29AS008J Datasheet HTML 11Page - SPANSION S29AS008J Datasheet HTML 12Page - SPANSION S29AS008J Datasheet HTML 13Page - SPANSION S29AS008J Datasheet HTML 14Page - SPANSION S29AS008J Datasheet HTML 15Page - SPANSION S29AS008J Datasheet HTML 16Page - SPANSION S29AS008J Datasheet HTML 17Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
November 9, 2011 S29AS008J_00_09
S29AS008J
13
Data
She e t
6.
Ordering Information
6.1
S29AS008J Standard Products
Spansion standard products are available in several packages and operating ranges. The order number
(Valid Combination) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to check on newly released
combinations.
Notes
1. Type 0 is standard. Specify other options as required.
2. TSOP package markings omit packing type designator from ordering part number.
S29AS008J
70
T
F
I
03
0
Packing Type
0= Tray
2
= 7” Tape and Reel
3
= 13” Tape and Reel
Model Number
03 = VCC = 1.65–1.95 V, top boot sector device
04 = VCC = 1.65–1.95 V, bottom boot sector device
Temperature Range
I
= Industrial (-40°C to +85°C)
Package Material Set
F
= Pb-Free
H = Pb-Free, Low-Halogen
Package Type
T
= Thin Small Outline Package (TSOP) Standard Pinout
B = Fine-pitch Ball-Grid Array Package
Speed Option
70 = 70 ns Access Speed
Device Number/Description
S29AS008J
8 Megabit Flash Memory manufactured using 110 nm process technology
1.8 Volt-Only Read, Program, and Erase
S29AS008J Valid Combinations
Package
Description
Device
Number
Speed
Option
Package Type, Material, and
Temperature Range
Model
Number
Packing Type
S29AS008J
70
TFI
03, 04
0, 3
(Note 1)
TS048 (Note 2)
TSOP
BFI, BHI
0, 2, 3
VBK048
Fine-Pitch BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com