Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 22 Page - SPANSION

Part # S29AS008J
Description  8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS008J Datasheet(HTML) 22 Page - SPANSION

Back Button S29AS008J Datasheet HTML 18Page - SPANSION S29AS008J Datasheet HTML 19Page - SPANSION S29AS008J Datasheet HTML 20Page - SPANSION S29AS008J Datasheet HTML 21Page - SPANSION S29AS008J Datasheet HTML 22Page - SPANSION S29AS008J Datasheet HTML 23Page - SPANSION S29AS008J Datasheet HTML 24Page - SPANSION S29AS008J Datasheet HTML 25Page - SPANSION S29AS008J Datasheet HTML 26Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
22
S29AS008J
S29AS008J_00_09 November 9, 2011
Da ta
Sh e e t
7.14
Hardware Data Protection
The command sequence requirement of unlock cycles for programming or erasing provides data protection
against inadvertent writes (refer to Table 11.1 on page 33 for command definitions). In addition, the following
hardware data protection measures prevent accidental erasure or programming, which might otherwise be
caused by spurious system level signals during VCC power-up and power-down transitions, or from system
noise.
7.14.1
Low VCC Write Inhibit
When VCC is less than VLKO, the device does not accept any write cycles. This protects data during VCC
power-up and power-down. The command register and all internal program/erase circuits are disabled, and
the device resets. Subsequent writes are ignored until VCC is greater than VLKO. The system must provide the
proper signals to the control pins to prevent unintentional writes when VCC is greater than VLKO.
7.14.2
Write Pulse Glitch Protection
Noise pulses of less than 5 ns (typical) on OE#, CE# or WE# do not initiate a write cycle.
7.14.3
Logical Inhibit
Write cycles are inhibited by holding any one of OE# = VIL, CE# = VIH or WE# = VIH. To initiate a write cycle,
CE# and WE# must be a logical zero (VIL) while OE# is a logical one (VIH).
7.14.4
Power-Up Write Inhibit
If WE# = CE# = VIL and OE# = VIH during power up, the device does not accept commands on the rising
edge of WE#. The internal state machine is automatically reset to reading array data on power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com