Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S29AS008J Datasheet(PDF) 24 Page - SPANSION

Part # S29AS008J
Description  8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS008J Datasheet(HTML) 24 Page - SPANSION

Back Button S29AS008J Datasheet HTML 20Page - SPANSION S29AS008J Datasheet HTML 21Page - SPANSION S29AS008J Datasheet HTML 22Page - SPANSION S29AS008J Datasheet HTML 23Page - SPANSION S29AS008J Datasheet HTML 24Page - SPANSION S29AS008J Datasheet HTML 25Page - SPANSION S29AS008J Datasheet HTML 26Page - SPANSION S29AS008J Datasheet HTML 27Page - SPANSION S29AS008J Datasheet HTML 28Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
24
S29AS008J
S29AS008J_00_09 November 9, 2011
Da ta
Sh e e t
The Secured Silicon Sector protection must be used with caution since, once protected, there is no procedure
available for unprotecting the Secured Silicon Sector area, and none of the bits in the Secured Silicon Sector
memory space can be modified in any way.
Figure 8.1 Secured Silicon Sector Protect Verify
Write 60h to
any address
Write 40h to
Secured Silicon
Sector address
with A0=0, A1=1,
A2=0, A3=1, A4=1,
A5=0, A6=0, A7=0
START
RESET# = VID
Wait 1 ms
Read from
Secured Silicon
Sector address
with A0=0, A1=1
A2=0, A3=1, A4=1
A5=0, A6=0, A7=0
If data = 00h,
Secured Silicon
Sector is
unprotected.
If data = 01h,
Secured Silicon
Sector is
protected.
Remove VID
from RESET#
Write reset
command
Secured Silicon
Sector Protect
Verify complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com