Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS80H100C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS80H100C
Description  High voltage power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS80H100C Datasheet(HTML) 3 Page - STMicroelectronics

  STPS80H100C_10 Datasheet HTML 1Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 2Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 3Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 4Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 5Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 6Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
STPS80H100C
Characteristics
Doc ID 6727 Rev 3
3/7
Figure 1.
Average forward power dissipation
versus average forward current
(per diode)
Figure 2.
Average forward current versus
ambient temperature
(
δ = 0.5, per diode)
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
IF(av) (A)
PF(av)(W)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
0
25
50
75
100
125
150
175
0
5
10
15
20
25
30
35
40
45
50
Tamb(°C)
IF(av)(A)
Rth(j-a)=5°C/W
Rth(j-a)=Rth(j-c)
T
δ=tp/T
tp
Figure 3.
Normalized avalanche power
derating versus pulse duration
Figure 4.
Normalized avalanche power
derating versus junction
temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
P(tp)
P
(1µs)
ARM
ARM
t (µs)
p
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
P(T )
P
(25 °C)
ARM
j
ARM
T (°C)
j
Figure 5.
Non repetitive surge peak forward
current versus overload duration
(maximum values, per diode)
Figure 6.
Relative variation of thermal
impedance junction to case versus
pulse duration (per diode)
1E-3
1E-2
1E-1
1E+0
0
100
200
300
400
500
t(s)
IM(A)
Tc=50°C
Tc=75°C
Tc=110°C
IM
t
δ=0.5
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
Single pulse
δ = 0.5
δ = 0.2
δ = 0.1
T
δ=tp/T
tp



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com