Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS80H100C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS80H100C
Description  High voltage power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS80H100C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS80H100C_10 Datasheet HTML 1Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 2Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 3Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 4Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 5Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 6Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Characteristics
STPS80H100C
4/7
Doc ID 6727 Rev 3
Figure 9.
Forward voltage drop versus forward current (maximum value, per diode)
Figure 7.
Reverse leakage current versus
reverse voltage applied
(typical values, per diode)
Figure 8.
Junction capacitance versus
reverse voltage applied
(typical values, per diode)
0
10203040
5060708090
100
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
VR(V)
IR(µA)
Tj=125°C
Tj=25°C
1
2
5
10
20
50
100
0.1
1.0
5.0
VR(V)
C(nF)
F=1MHz
Tj=25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1
10
100
500
VFM(V)
IFM(A)
Tj=25°C
Tj=125°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com