Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS80H100C Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS80H100C
Description  High voltage power Schottky rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS80H100C Datasheet(HTML) 5 Page - STMicroelectronics

  STPS80H100C_10 Datasheet HTML 1Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 2Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 3Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 4Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 5Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 6Page - STMicroelectronics STPS80H100C_10 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
STPS80H100C
Package information
Doc ID 6727 Rev 3
5/7
2
Package information
●
Epoxy meets UL94, V0
●
Lead-free packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 5.
Max247 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.70
5.30
0.185
0.209
A1
2.20
2.60
0.087
0.102
b
1.00
1.40
0.038
0.055
b1
2.00
2.40
0.079
0.094
b2
3.00
3.40
0.118
0.133
c
0.40
0.80
0.016
0.031
D
19.70
20.30
0.776
0.799
e
5.35
5.55
0.211
0.219
E
15.30
15.90
0.602
0.626
L
14.20
15.20
0.559
0.598
L1
3.70
4.30
0.146
0.169
EA
D
L
L1
b1
b2
bc
A1
e



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com