Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2045C Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS2045C
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2045C Datasheet(HTML) 2 Page - STMicroelectronics

  STPS2045C_10 Datasheet HTML 1Page - STMicroelectronics STPS2045C_10 Datasheet HTML 2Page - STMicroelectronics STPS2045C_10 Datasheet HTML 3Page - STMicroelectronics STPS2045C_10 Datasheet HTML 4Page - STMicroelectronics STPS2045C_10 Datasheet HTML 5Page - STMicroelectronics STPS2045C_10 Datasheet HTML 6Page - STMicroelectronics STPS2045C_10 Datasheet HTML 7Page - STMicroelectronics STPS2045C_10 Datasheet HTML 8Page - STMicroelectronics STPS2045C_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
STPS2045C
2/10
Doc ID 3506 Rev 6
1
Characteristics
When the diodes 1 and 2 are used simultaneously :
Tj(diode 1) = P(diode 1) x Rth(j-c)(per diode) + P(diode 2) x Rth(c)
Table 2.
Absolute ratings (limiting values, per diode)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
45
V
IF(RMS) Forward rms current
30
A
IF(AV)
Average forward current
δ = 0.5
TO-220AB
D2PAK I2PAK
Tc = 155 °C
Per diode
10
A
TO-220FPAB
Tc = 125 °C
Per device
20
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
180
A
PARM
Repetitive peak avalanche power
tp = 1 μs Tj = 25 °C
4000
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
175
°C
Table 3.
Thermal resistances parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB / D2PAK / I2PAK
Per diode
Total
2.2
1.3
°C/W
TO-220FPAB
Per diode
Total
4.5
3.5
Rth(c)
Coupling
TO-220AB / D2PAK / I2PAK
Coupling
0.3
°C/W
TO-220FPAB
2.5
dPtot
dTj
<
1
Rth(j-a)
Table 4.
Static electrical characteristics (per diode)
Symbol
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
100
μA
Tj = 125 °C
7
15
mA
VF
(1)
Forward voltage drop
Tj = 125 °C
IF = 10 A
0.5
0.57
V
Tj = 25 °C
IF = 20 A
0.84
Tj = 125 °C
0.65
0.72
1.
Pulse test : tp = 380 μs, δ < 2%
To evaluate the conduction losses use the following equation : P = 0.42 x IF(AV) + 0.015 IF
2
(RMS)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com