Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2045C Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS2045C
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2045C Datasheet(HTML) 4 Page - STMicroelectronics

  STPS2045C_10 Datasheet HTML 1Page - STMicroelectronics STPS2045C_10 Datasheet HTML 2Page - STMicroelectronics STPS2045C_10 Datasheet HTML 3Page - STMicroelectronics STPS2045C_10 Datasheet HTML 4Page - STMicroelectronics STPS2045C_10 Datasheet HTML 5Page - STMicroelectronics STPS2045C_10 Datasheet HTML 6Page - STMicroelectronics STPS2045C_10 Datasheet HTML 7Page - STMicroelectronics STPS2045C_10 Datasheet HTML 8Page - STMicroelectronics STPS2045C_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
STPS2045C
4/10
Doc ID 3506 Rev 6
Figure 7.
Relative variation of thermal
impedance junction to ambient vs
pulse duration
Figure 8.
Relative variation of thermal
impedance junction to ambient vs
pulse duration (TO-220FPAB)
1E-4
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
t (s)
p
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
(TO-220AB, D PAK, I PAK)
22
1E-3
1E-2
1E-1
1E+0
1E+1
0.0
0.2
0.4
0.6
0.8
1.0
Single pulse
δ = 0.1
δ = 0.2
δ = 0.5
t (s)
p
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
Figure 9.
Reverse leakage current vs reverse
voltage applied
(typical values, per diode)
Figure 10.
Junction capacitance vs reverse
voltage applied
(typical values, per diode)
0
5
10
15
20
25
30
35
40
45
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
5E+4
I (µA)
R
V (V)
R
T =150°C
j
T =125°C
j
T =100°C
j
T =75°C
j
T =50°C
j
T =25°C
j
12
5
10
20
50
100
200
500
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
Figure 11.
Forward voltage drop vs forward
current
(maximum values, per diode)
Figure 12.
Thermal resistance junction to
ambient vs copper surface under
tab
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.1
1.0
10.0
100.0
I
(A)
FM
T =125°C
(typical values)
j
T =125°C
j
T =25°C
j
V
(V)
FM
0
5
10
15
20
25
30
35
40
0
10
20
30
40
50
60
70
80
S(cm²)
R
(°C/W)
th(j-a)
(Epoxy printed circuit board, copper thickness: 35 µm)
(D PAK)
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com