Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2045C Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS2045C
Description  Power Schottky rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2045C Datasheet(HTML) 3 Page - STMicroelectronics

  STPS2045C_10 Datasheet HTML 1Page - STMicroelectronics STPS2045C_10 Datasheet HTML 2Page - STMicroelectronics STPS2045C_10 Datasheet HTML 3Page - STMicroelectronics STPS2045C_10 Datasheet HTML 4Page - STMicroelectronics STPS2045C_10 Datasheet HTML 5Page - STMicroelectronics STPS2045C_10 Datasheet HTML 6Page - STMicroelectronics STPS2045C_10 Datasheet HTML 7Page - STMicroelectronics STPS2045C_10 Datasheet HTML 8Page - STMicroelectronics STPS2045C_10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STPS2045C
Characteristics
Doc ID 3506 Rev 6
3/10
Figure 1.
Average forward power dissipation
vs average forward current
(per diode)
Figure 2.
Average forward current vs ambient
temperature (
δ = 0.5, per diode)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
1
2
3
4
5
6
7
8
P
(W)
F(AV)
I
(A)
F(AV)
T
δ=tp/T
tp
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
I
(A)
F(AV)
0
25
50
75
100
125
150
175
0
2
4
6
8
10
12
TO-220AB
D²PAK
TO-220FPAB
T
(°C)
amb
T
δ=tp/T
tp
R=R
th(j-a)
th(j-c)
R
=15°C/W
th(j-a)
Figure 3.
Normalized avalanche power
derating vs pulse duration
Figure 4.
Normalized avalanche power
derating vs junction temperature
0.001
0.01
0.1
0.01
1
0.1
10
100
1000
1
t (µs)
p
P(t )
P
(1µs)
ARM p
ARM
0
0.2
0.4
0.6
0.8
1
1.2
25
50
75
100
125
150
T (°C)
j
P(Tj)
P
(25 °C)
ARM
ARM
Figure 5.
Non repetitive surge peak forward
current vs overload duration
(maximum values, per diode)
Figure 6.
Non repetitive surge peak forward
current vs overload duration
(maximum values, per diode)
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
140
I (A)
M
T =100°C
C
T =125°C
C
T =75°C
C
t(s)
IM
t
δ=0.5
(TO-220AB, D PAK, I PAK)
22
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
I (A)
M
T =100°C
C
T =125°C
C
T =75°C
C
t(s)
IM
t
δ=0.5
(TO-220FPAB)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com