Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIP2450-01D3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DIP2450-01D3
Description  2 G / 5 G WLAN diplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DIP2450-01D3 Datasheet(HTML) 1 Page - STMicroelectronics

  DIP2450-01D3 Datasheet HTML 1Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 2Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 3Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 4Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 5Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 6Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 7Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 8Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
June 2012
Doc ID 023193 Rev 1
1/10
10
DIP2450-01D3
2 G / 5 G WLAN diplexer
Datasheet
− production data
Features
■
Low insertion loss in pass band
■
High attenuation levels
■
High rejection of out-of-band frequencies
■
Small footprint: <1.4 mm2
Benefits
■
Very low profile (<600 µm after reflow)
■
High Q, low loss
■
High RF performance
■
Tight tolerance
■
Bill of materials and area reduction
Applications
■
WLAN
■
Bluetooth
■
Mobile phone application
■
Wireless networking
Description
This diplexer targets the use of dual band 2.4 GHz
and 5 GHz. The DIP2450-01D3 is a diplexer
dedicated to the WLAN/BT application.
It is designed using STMicroelectronics IPD
(integrated passive device) technology on non
conductive glass substrate to optimize RF
performance.
Figure 1.
Pin configuration (bump view)
Flip Chip package 4 bumps
A
B
1
2
2G
5G
ANT
GND
www.st.com


Similar Part No. - DIP2450-01D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DIP24 STMICROELECTRONICS-DIP24 Datasheet
31Kb / 2P
Thermal Data
Feb-1998
logo
Sensata Technologies, I...
DIP24-11-001A SENSATA-DIP24-11-001A Datasheet
90Kb / 2P
FRAMELESS BRUSHLESS DC (BLDC) MOTORS
DIP24-11-001A SENSATA-DIP24-11-001A Datasheet
85Kb / 1P
FRAMELESS BRUSHLESS DC (BLDC) MOTORS
Rev. 04/01/2024
logo
Meder Electronic
DIP24-1A66-16L MEDER-DIP24-1A66-16L Datasheet
75Kb / 1P
DIP Reed Relay
DIP24-1A66-16L_DE MEDER-DIP24-1A66-16L_DE Datasheet
93Kb / 1P
(deutsch) DIP Reed Relay
More results

Similar Description - DIP2450-01D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC4550 STMICROELECTRONICS-STLC4550 Datasheet
147Kb / 5P
Single chip 802.11b/g WLAN radio
06-Feb-2006
logo
ANADIGICS, Inc
AWL6950 ANADIGICS-AWL6950 Datasheet
344Kb / 20P
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Rev 2.2
AWL9924 ANADIGICS-AWL9924 Datasheet
299Kb / 20P
2.4/5 GHz 802.11a/b/g WLAN Power Amplifier
Rev 1.3
logo
Microchip Technology
SST12LP07E MICROCHIP-SST12LP07E Datasheet
88Kb / 2P
2.4GHz WLAN 11b/g/n Power
8/3/2016
logo
Laird Tech Smart Techno...
450-0067 LSTD-450-0067 Datasheet
641Kb / 40P
Integrated 802.11 b/g WLAN Module
logo
PHOENIX CONTACT
2716020 PHOENIX-2716020 Datasheet
139Kb / 5P
The illustration shows a combination of versions G 5/2, G 5/3 and G 5/4
2716033 PHOENIX-2716033 Datasheet
138Kb / 5P
The illustration shows a combination of versions G 5/2, G 5/3 and G 5/4
2716046 PHOENIX-2716046 Datasheet
138Kb / 5P
The illustration shows a combination of versions G 5/2, G 5/3 and G 5/4
2716062 PHOENIX-2716062 Datasheet
139Kb / 5P
The illustration shows a combination of versions G 5/2, G 5/3 and G 5/4
2716127 PHOENIX-2716127 Datasheet
139Kb / 5P
The illustration shows a combination of versions G 5/2, G 5/3 and G 5/4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com