Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIP2450-01D3 Datasheet(PDF) 2 Page - STMicroelectronics

Part # DIP2450-01D3
Description  2 G / 5 G WLAN diplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DIP2450-01D3 Datasheet(HTML) 2 Page - STMicroelectronics

  DIP2450-01D3 Datasheet HTML 1Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 2Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 3Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 4Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 5Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 6Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 7Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 8Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
DIP2450-01D3
2/10
Doc ID 023193 Rev 1
1
Characteristics
Table 1.
Absolute rating (limiting values)
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
PAV
Average power
27
dBm
VESD
antenna
and 2G
ports
ESD ratings:
MIL STD883C (HBM:C = 100 pF, R = 1.5 k
Ω, air discharge)
Charged device model (CDM)
Machine model (MM: C = 200 pF, R = 25
Ω, L = 500 nH)
400
500
100
V
TOP
Operating temperature range
-40
+85
ºC
Table 2.
Electrical characteristics and RF performance (Tamb = 25 °C)
Symbol
Parameter
Test condition
Value
Unit
Min.
Typ.
Max.
Pass band
f
2 G band pass
2400
2483.5
MHz
5 G band pass
4900
5850
MHz
Z
Nominal impedance
50
Ω
Return loss
All ports
-17
dB
S21
2 G to antenna insertion loss
2400 to 2483.5 MHz
0.6
0.7
dB
S31
5 G to antenna insertion loss
4900 to 5850 MHz
0.6
0.7
dB
Attenuation
S21
2 G to antenna attenuation
4900 to 5850 MHz
20
dB
S31
5 G to antenna attenuation
2400 to 2483.5 MHz
18
dB
Out of band attenuation
S21
2 G to antenna attenuation
5850 to 7000 MHz
15
dB
7000 to 9500 MHz
9
9800 to 10500 MHz
16
S31
5 G to antenna attenuation
9800 to 11650 MHz
11
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com