Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIP2450-01D3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # DIP2450-01D3
Description  2 G / 5 G WLAN diplexer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DIP2450-01D3 Datasheet(HTML) 3 Page - STMicroelectronics

  DIP2450-01D3 Datasheet HTML 1Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 2Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 3Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 4Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 5Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 6Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 7Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 8Page - STMicroelectronics DIP2450-01D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DIP2450-01D3
Characteristics
Doc ID 023193 Rev 1
3/10
1.1
Measured performance
Figure 2.
2 G and 5 G forward transmission
(Tamb = 25 °C)
Figure 3.
2 G, 5 G and antenna reflection
coefficient (Tamb = 25 °C)
F (GHz)
S21 and S31 (dB)
S21 (2 G
ANT)
≥
S31 (5 G
ANT)
≥
0
2468
10
12
0
-10
-20
-30
-40
-50
-60
S11, S22 and S33 (dB)
S11 (ANT)
S22 (2 G)
S33 (5 G)
0
2468
10
12
0
-5
-10
-15
-20
-25
-30
F (GHz)
-35
Figure 4.
2 G insertion loss (Tamb = 25 °C)
Figure 5.
2 G attenuation in 5 G band
(Tamb = 25 °C)
S21(dB)
2.40
2.42
2.44
2.46
2.48
2.50
-0.40
-0.45
-0.50
-0.55
-0.60
-0.65
-0.70
F (GHz)
S21(dB)
4.9
5.1
5.3
5.5
5.7
5.9
-10
-20
-30
-40
-50
-60
-70
F (GHz)
Figure 6.
2 G attenuation in high frequency
band (Tamb = 25 °C)
Figure 7.
2 G return loss (Tamb = 25 °C)
S21(dB)
5
67
8
9
10
12
-0
-10
-20
-30
-40
-50
-60
F (GHz)
11
S22(dB)
2.40
2.42
2.44
2.46
2.48
2.50
-10
-15
-20
-25
-30
F (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com