Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECMF02-2BF3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ECMF02-2BF3
Description  Dual line IPAD?? common mode filter with ESD protection for high speed serial interface
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF02-2BF3 Datasheet(HTML) 1 Page - STMicroelectronics

  ECMF02-2BF3 Datasheet HTML 1Page - STMicroelectronics ECMF02-2BF3 Datasheet HTML 2Page - STMicroelectronics ECMF02-2BF3 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
February 2012
Doc ID 022765 Rev 1
1/3
3
ECMF02-2BF3
Dual line IPAD™, common mode filter with
ESD protection for high speed serial interface
Features
■ Very large differential bandwidth above 5 GHz
■ High common mode attenuation:
- 23 dB at 900 MHz.
■ High common mode attenuation:
- 20 dB between 800 MHz and 2.2 GHz.
■ Very low PCB space consumption: <1.1mm2
■ Thin package: 0.50 mm max. after reflow
■ Lead-free package
■ High reduction of parasitic elements through
integration
Complies with the following standard:
■ IEC 61000-4-2 level 4 input and output pins:
–
±15 kV (air discharge)
–
±8 kV (contact discharge)
Application
High speed serial interfaces such as USB2.0,
MIPI D-PHY, MDDI and HDMI.
Description
The ECMF02-2BF3 is a highly integrated
common mode filter designed to suppress
EMI/RFI common mode noise on high speed
differential serial buses like MIPI D-PHY, MDDI,
USB2.0 and HDMI.
The ECMF02-2BF3 can protect and filter one
differential lane.
Figure 1.
Pin configuration (bump side)
TM: IPAD is a trademark of STMicroelectronics.
Flip Chip
5 bumps
1
2
A
B
C
IN1
IN2
GND
OUT1
OUT2
www.st.com


Similar Part No. - ECMF02-2BF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ECMF02-2AMX6 STMICROELECTRONICS-ECMF02-2AMX6 Datasheet
387Kb / 15P
Common mode filter with ESD protection for USB 2.0 and MIPI D-PHY/MDDI interface
28-Jun-2011
ECMF02-2HSMX6 STMICROELECTRONICS-ECMF02-2HSMX6 Datasheet
888Kb / 17P
ESD protected common mode filter for USB3.0 interface
25-Aug-2014
More results

Similar Description - ECMF02-2BF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-USB02F2 STMICROELECTRONICS-EMIF02-USB02F2 Datasheet
105Kb / 7P
2-line IPAD, EMI filter with ESD protection
28-Apr-2008
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10 Datasheet
483Kb / 13P
Common mode filter with ESD protection for high speed serial interface
25-Aug-2014
ECMF2-0730V12M12 STMICROELECTRONICS-ECMF2-0730V12M12 Datasheet
533Kb / 14P
Common mode filter with ESD protection for USB2.0 interface
01-Mar-2016
ECMF04-4HSWM10 STMICROELECTRONICS-ECMF04-4HSWM10 Datasheet
2Mb / 13P
Common-mode filter with ESD protection for high-speed serial interfaces
June 2014 Rev 1
ECMF4-20A42N10 STMICROELECTRONICS-ECMF4-20A42N10 Datasheet
656Kb / 13P
Common mode filter with ESD protection for high speed serial interface
16-May-2016
ECMF4-2450A17M10 STMICROELECTRONICS-ECMF4-2450A17M10 Datasheet
820Kb / 13P
Common mode filter with ESD protection for high speed serial interface
November 2016 Rev 1
ECMF06-6HSM16 STMICROELECTRONICS-ECMF06-6HSM16 Datasheet
532Kb / 13P
Common mode filter with ESD protection for high speed serial interface
August 2014 Rev 2
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10_V01 Datasheet
2Mb / 14P
Common mode filter with ESD protection for high speed serial interface
09-Nov-2020
ECMF4-2450A60N10 STMICROELECTRONICS-ECMF4-2450A60N10 Datasheet
4Mb / 14P
Common mode filter with ESD protection for high speed serial interface
02-Jun-2021
ECMF2-40A100N6 STMICROELECTRONICS-ECMF2-40A100N6 Datasheet
6Mb / 17P
Common mode filter with ESD protection for high speed serial interface
27-Sep-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com