Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMI05-CL02F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HDMI05-CL02F3
Description  5-line IPAD?? HDMI??control line ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI05-CL02F3 Datasheet(HTML) 1 Page - STMicroelectronics

  HDMI05-CL02F3 Datasheet HTML 1Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 2Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 3Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 4Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 5Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 6Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 7Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 8Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 2010
Doc ID 15516 Rev 2
1/9
9
HDMI05-CL02F3
5-line IPAD™, HDMI™ control line ESD protection
Features
■ Low line capacitance: 12 pF max.
■ High efficiency in ESD protection
■ Lead-free package
■ Very thin package
■ High reliability offered by monolithic integration
■ High reduction of parasitic elements through
integration and wafer level packaging
Complies with the standards:
■ IEC 61000-4-2 Level 4
– ± 15 kV (air discharge)
– ± 8 kV (contact discharge)
■ IEC 61000-4-2 Level 1
– ± 2 kV (air discharge)
– ± 2 kV (contact discharge)
Application
Where ESD protection for HDMI control lines
(CEC, HPD, SCL and SDA) is required:
■ Mobile phones and communication systems
■ Portable multimedia players
■ Camcorder, digital still cameras
Description
The HDMI05-CL02F3 chip is a low capacitance
ESD protection for HDMI control pins. It also
integrates pull-up resistor for I²C bus and pull-
down resistor for hot plug detect and pull-up
resistor for CEC line.
The ESD protection circuitry prevents damage to
the protected device when subjected to ESD
surges up to 15 kV.
Figure 1.
Pin configuration (bump side)
Figure 2.
Schematic
TM: IPAD is a trademark of STMicroelectronics. HDMI, the
HDMI logo and High-Definition Multimedia Interface
are trademarks or registered trademarks of HDMI
Licensing LLC.
Flip Chip
9 bumps
B
C
1
2
3
A
SCL
CEC
SDA
HPD
GND
GND
RPU2
RPU
5V
SCL
SDA
HPD
CEC
5V
B2 and C2 are ground pins
C1
A2
A1
A3
B3
C3
B1
www.st.com


Similar Part No. - HDMI05-CL02F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HDMI05-CL01F3 STMICROELECTRONICS-HDMI05-CL01F3 Datasheet
387Kb / 8P
5-line IPAD?? HDMI??control line ESD protection
30-Apr-2010
More results

Similar Description - HDMI05-CL02F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF02-USB01F2 STMICROELECTRONICS-EMIF02-USB01F2 Datasheet
116Kb / 8P
2-line IPAD?? EMI filter including ESD protection
29-Apr-2008
EMIF02-MIC02F2 STMICROELECTRONICS-EMIF02-MIC02F2_08 Datasheet
110Kb / 8P
2-line IPAD, EMI filter and ESD protection
17-Apr-2008
EMIF09-SD01F3 STMICROELECTRONICS-EMIF09-SD01F3_08 Datasheet
375Kb / 9P
9-line IPAD, EMI filter and ESD protection
28-Apr-2008
EMIF10-COM01F2 STMICROELECTRONICS-EMIF10-COM01F2_08 Datasheet
188Kb / 7P
10-line IPAD, EMI filter including ESD protection
17-Apr-2008
EMIF10-LCD03F3 STMICROELECTRONICS-EMIF10-LCD03F3_10 Datasheet
278Kb / 7P
10-line IPAD?? EMI filter and ESD protection
19-Feb-2010
HDMI05-CL01F3 STMICROELECTRONICS-HDMI05-CL01F3 Datasheet
387Kb / 8P
5-line IPAD?? HDMI??control line ESD protection
30-Apr-2010
logo
ON Semiconductor
ESD5384 ONSEMI-ESD5384 Datasheet
290Kb / 8P
5-Line HDMI Control Line ESD Protection
October, 2011 ??Rev. 0
logo
STMicroelectronics
EMIF04-1K030F3 STMICROELECTRONICS-EMIF04-1K030F3 Datasheet
348Kb / 8P
4-line IPAD™, EMI filter including ESD protection
August 2013 Rev 1
EMIF05-SK01F3 STMICROELECTRONICS-EMIF05-SK01F3 Datasheet
223Kb / 7P
5 line IPAD™, EMI filter including ESD protection
July 2014 Rev 1
logo
ON Semiconductor
ESD5384 ONSEMI-ESD5384_V01 Datasheet
361Kb / 9P
ESD Protection Diode 5?묹ine HDMI Control Line ESD Protection
September, 2017 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com