Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMI05-CL02F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # HDMI05-CL02F3
Description  5-line IPAD?? HDMI??control line ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI05-CL02F3 Datasheet(HTML) 4 Page - STMicroelectronics

  HDMI05-CL02F3 Datasheet HTML 1Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 2Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 3Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 4Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 5Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 6Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 7Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 8Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
HDMI05-CL02F3
4/9
Doc ID 15516 Rev 2
Figure 10.
ESD response to IEC 61000-4-2
(+8 kV contact discharge)
on SDA line
Figure 11.
ESD response to IEC 61000-4-2
(-8 kV contact discharge)
on SDA line
10 V/div
79 V
51 V
39 V
1
2
3
20 ns/div
V : ESD peak voltage
V @ 30 ns: clamping voltage @ 30 ns
V @ 60 ns: clamping voltage @ 60 ns
PP
CL
CL
1
2
3
10 V/div
-57 V
-22 V
-14 V
1
2
3
20 ns/div
V : ESD peak voltage
V @ 30 ns: clamping voltage @ 30 ns
V @ 60 ns: clamping voltage @ 60 ns
PP
CL
CL
1
2
3
Figure 12.
ESD response to IEC 61000-4-2
(+8 kV contact discharge)
on HPD line
Figure 13.
ESD response to IEC 61000-4-2
(-8 kV contact discharge)
on HPD line
10 V/div
65 V
40 V
49 V
1
2
3
20 ns/div
V : ESD peak voltage
V @ 30 ns: clamping voltage @ 30 ns
V @ 60 ns: clamping voltage @ 60 ns
PP
CL
CL
1
2
3
10 V/div
-43 V
-17 V
-11 V
1
2
3
20 ns/div
V : ESD peak voltage
V @ 30 ns: clamping voltage @ 30 ns
V @ 60 ns: clamping voltage @ 60 ns
PP
CL
CL
1
2
3
Figure 14.
ESD response to IEC 61000-4-2
(+8 kV contact discharge)
on 5 V line
Figure 15.
ESD response to IEC 61000-4-2
(-8 kV contact discharge)
on 5 V line
10 V/div
72 V
52 V
39 V
1
2
3
20 ns/div
V : ESD peak voltage
V @ 30 ns: clamping voltage @ 30 ns
V @ 60 ns: clamping voltage @ 60 ns
PP
CL
CL
1
2
3
10 V/div
-52 V
-20 V
-14 V
1
2
3
20 ns/div
V : ESD peak voltage
V @ 30 ns: clamping voltage @ 30 ns
V @ 60 ns: clamping voltage @ 60 ns
PP
CL
CL
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com