Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMI05-CL02F3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # HDMI05-CL02F3
Description  5-line IPAD?? HDMI??control line ESD protection
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI05-CL02F3 Datasheet(HTML) 3 Page - STMicroelectronics

  HDMI05-CL02F3 Datasheet HTML 1Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 2Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 3Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 4Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 5Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 6Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 7Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 8Page - STMicroelectronics HDMI05-CL02F3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
HDMI05-CL02F3
Characteristics
Doc ID 15516 Rev 2
3/9
Figure 4.
S21(dB) versus frequency
Figure 5.
Analog crosstalk measurements
300.0k
1.0M
3.0M
10.0M
30.0M
100.0M 300.0M
1.0G
3.0G
- 20.00
- 15.00
- 10.00
- 5.00
0.00
300.0k
1.0M
3.0M
10.0M
30.0M
100.0M 300.0M
1.0G
3.0G
- 20.00
- 15.00
- 10.00
- 5.00
0.00
300.0k
1.0M
3.0M
10.0M
30.0M
100.0M 300.0M
1.0G
3.0G
- 20.00
- 15.00
- 10.00
- 5.00
0.00
dB
CEC
SDA
5V
SCL
HPD
F(Hz)
300.0k1.0M
3.0M10.0M
30.0M100.0M 300.0M1.0G
3.0G
- 160.00
- 120.00
- 80.00
- 40.00
0.00
dB
F(Hz)
CEC - RPU2
HPD - SCL
SDA - SCL
SCL - CEC
SCL - RPU
Figure 6.
ESD response to IEC 61000-4-2
(+8 kV contact discharge)
on CEC line
Figure 7.
ESD response to IEC 61000-4-2
(-8 kV contact discharge)
on CEC line
10 V/div
72 V
52 V
39 V
20 ns/div
V : ESD peak voltage
V @ 30 ns: clamping voltage @ 30 ns
V @ 60 ns: clamping voltage @ 60 ns
PP
CL
CL
1
1
2
2
3
3
10 V/div
-17 V 2
-11 V 3
-52 V 1
20 ns/div
V : ESD peak voltage
V @ 30 ns: clamping voltage @ 30 ns
V @ 60 ns: clamping voltage @ 60 ns
PP
CL
CL
1
2
3
Figure 8.
ESD response to IEC 61000-4-2
(+8 kV contact discharge)
on SCL line
Figure 9.
ESD response to IEC 61000-4-2
(-8 kV contact discharge)
on SCL line
20 ns/div
10 V/div
70 V
48 V
39 V
1
2
3
V : ESD peak voltage
V @ 30 ns: clamping voltage @ 30 ns
V @ 60 ns: clamping voltage @ 60 ns
PP
CL
CL
1
2
3
20 ns/div
10 V/div
-51 V
-17 V
-11 V
1
2
3
V : ESD peak voltage
V @ 30 ns: clamping voltage @ 30 ns
V @ 60 ns: clamping voltage @ 60 ns
PP
CL
CL
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com