Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF5305L-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UF5305L-TN3-R
Description  -31A, -55V P-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF5305L-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UF5305L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF5305L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF5305L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF5305L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF5305L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF5305L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UF5305
Preliminary
POWER MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-842.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-55
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
VGS=-10V, TC=25°C
ID
-31
A
VGS=-10V, TC=100°C
-22
A
Pulsed (Note 2)
IDM
-110
A
Avalanche Current (Note 2)
IAR
-16
A
Avalanche Energy
Single Pulse (Note 3)
EAS
280
mJ
Repetitive (Note 2)
EAR
11
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
-5.0
V/ns
Power Dissipation (TC=25°C)
PD
110
W
Linear Derating Factor
0.71
W/°C
Junction Temperature
TJ
-55~+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive rating; pulse width limited by max. junction temperature.
3. VDD=-25V, Starting TJ=25°C, L=2.1mH, RG=25Ω, IAS=-16A.
4. ISD≤-16A, di/dt≤-280A/µs, VDD≤BVDSS, TJ≤150°C
THERMAL RESISTANCE
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62
°C/W
Junction to Case
θJC
1.4
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com