Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF5305L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF5305L-TN3-R
Description  -31A, -55V P-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF5305L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UF5305L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF5305L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF5305L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF5305L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF5305L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF5305L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UF5305
Preliminary
POWER MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-842.a
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250µA
-55
V
Breakdown Voltage Temperature
Coefficient
∆BVDSS/∆TJ Reference to 25°C, ID=-1mA
-0.034
V/°C
Drain-Source Leakage Current
IDSS
VDS=-55V, VGS=0V
-25
µA
VDS=-44V, VGS=0V, TJ=150°C
-250
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=20V, VDS=0V
100
nA
Reverse
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
Static Drain-Source On-Resistance
RDS(ON)
VGS=-10V, ID=-16A (Note 2)
0.06
Ω
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-2.0
-4.0
V
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=-25V, f=1.0MHz
1200
pF
Output Capacitance
COSS
520
pF
Reverse Transfer Capacitance
CRSS
250
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
ID=-16A, VDS=-44V, VGS=-10V
(Note 2)
63
nC
Gate-to-Source Charge
QGS
13
nC
Gate-to-Drain ("Miller") Charge
QGD
29
nC
Turn-ON Delay Time
tD(ON)
VDD=-28V, ID=-16A, RG=6.8Ω
RD=1.6Ω (Note 2)
14
ns
Rise Time
tR
66
ns
Turn-OFF Delay Time
tD(OFF)
39
ns
Fall Time
tF
63
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body Diode Continuous Source
Current
IS
-31
A
Maximum Body-Diode Pulsed Current
(Note 1)
ISM
-110
A
Drain-Source Diode Forward Voltage
VSD
TJ=25°C, IS=-16A, VGS=0V
(Note 2)
-1.3
V
Body Diode Reverse Recovery Time
tRR
TJ=25°C, IF=-16A,
di/dt=-100A/µs (Note 2)
71
110
ns
Body Diode Reverse Recovery Charge
QRR
170
250
nC
Note: 1. Repetitive rating; pulse width limited by max. junction temperature.
2. Pulse width≤300µs; duty cycle≤2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com