Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF5305L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF5305L-TN3-R
Description  -31A, -55V P-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF5305L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UF5305L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF5305L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF5305L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF5305L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF5305L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF5305L-TN3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF5305
Preliminary
POWER MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-842.a
-31A, -55V P-CHANNEL POWER
MOSFET
DESCRIPTION
The UTC UF5305 is a P-channel Power MOSFET, it uses
UTC’s advanced technology to provide the customers with high
switching speed and a minimum on-state resistance.
The UTC UF5305 is suitable for all commercial-industrial
applications, etc.
FEATURES
* RDS(ON)<0.06Ω @ VGS=-10V, ID=-16A
* High Switching Speed
* Dynamic dv/dt Rating
* Halogen Free
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UF5305L-TA3-T
UF5305G-TA3-T
TO-220
G
D
S
Tube
UF5305L-TN3-T
UF5305G-TN3-T
TO-252
G
D
S
Tube
UF5305L-TN3-R
UF5305G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - UF5305L-TN3-R

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
UF5305L-TN3-T VBSEMI-UF5305L-TN3-T Datasheet
973Kb / 7P
P-Channel 60 V (D-S) MOSFET
More results

Similar Description - UF5305L-TN3-R

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5305 IRF-IRF5305 Datasheet
124Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRF5305S IRF-IRF5305S Datasheet
171Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRFIZ44N IRF-IRFIZ44N Datasheet
106Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.024ohm, Id=31A)
IRFRU5305 IRF-IRFRU5305 Datasheet
156Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.065ohm, Id=-31A)
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
logo
Unisonic Technologies
UF9Z24 UTC-UF9Z24 Datasheet
155Kb / 3P
12A, 55V P-CHANNEL POWER MOSFET
UF9Z34 UTC-UF9Z34 Datasheet
183Kb / 6P
-17A, -55V P-CHANNEL POWER MOSFET
logo
Guangdong Youtai Semico...
IRF4905 UMW-IRF4905 Datasheet
554Kb / 8P
-55V P-Channel MOSFET
IRF5305STRL UMW-IRF5305STRL Datasheet
1Mb / 8P
-55V P-Channel MOSFET
IRF9Z24N UMW-IRF9Z24N Datasheet
550Kb / 8P
-55V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com