Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IFP005V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IFP005V2
Description  High side driver demonstration board based on the VN751PT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFP005V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IFP005V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFP005V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFP005V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFP005V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
July 2009
Doc ID 16017 Rev 1
1/4
4
STEVAL-IFP005V2
High side driver
demonstration board based on the VN751PT
Features
■ 3 independent application programs
– Hand dryer with infrared sensor and
T1235H-6T switch
– Bathroom fan with humidity sensor and
ACS108 switch
– Multi-entrance room controller with push
button and BTB08-600SW switch
■ Two potentiometers for setting sensor
sensitivity and TRIAC turn-off delay
■ Capacitive power supply (680 nF capacitor
EPCOS B32923C3684
–5 V ±10%
– Average output current: 16 mA
– Standby power losses < 0.3 W @ 230 V
■ Program selector (U2)
■ ICC connector for software adjustment
■ Free development area with hole matrix
available for application breadboard adaptation
■ Overvoltage protection is not implemented on
the board but some solder pads are available
to implement it in two different ways:
■ Varistor addition between mains voltage
■ Transil addition between TRIAC A2-G
terminals
■ RoHS compliant
Description
The purpose of this design is to demonstrate the
features of the VN751PT high-side driver.
The application offers robustness and complies
with EMC industrial standards.
It implements short-circuit/overload protection
and thermal management as well, achieving best
in class MTBF values.
The reference design is suitable for use in
programmable logic controllers (PLCs) as well as
to drive generic loads which require up to 2.5 A of
nominal current (the typical current limitation is
4.5 - 5 A).
Thanks to the very low RDSon (only 60 mΩ Typ. @
25 °C) the device allows very low power
consumption during the operation and for this
reason it represent an ideal solution for IP65 /
IP67 requirements. The device is compliant with
IEC 61131-2 (programmable controllers
international standard).
STEVAL-IFP005V2
www.st.com


Similar Part No. - STEVAL-IFP005V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP001V1 STMICROELECTRONICS-STEVAL-IFP001V1 Datasheet
249Kb / 4P
8-channel high-side driver demonstration board with the VN808CM-E
01-Jun-2012
STEVAL-IFP002V1 STMICROELECTRONICS-STEVAL-IFP002V1 Datasheet
258Kb / 4P
High Side Driver - 8 Channel based on VN808
31-Jan-2006
STEVAL-IFP004V1 STMICROELECTRONICS-STEVAL-IFP004V1 Datasheet
121Kb / 4P
Digital input termination PCLT2
22-Oct-2007
STEVAL-IFP007V1 STMICROELECTRONICS-STEVAL-IFP007V1 Datasheet
185Kb / 4P
16-bit PLC digital input card demonstration board based on the SCLT3
05-May-2009
STEVAL-IFP008V1 STMICROELECTRONICS-STEVAL-IFP008V1 Datasheet
77Kb / 4P
Demonstration board for the CLT3-4B current limited termination
27-May-2008
More results

Similar Description - STEVAL-IFP005V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-CCA009V1 STMICROELECTRONICS-STEVAL-CCA009V1 Datasheet
109Kb / 5P
High performance stereo headphone driver demonstration board based on the TS4601B
19-Nov-2010
STEVAL-ICB007V1 STMICROELECTRONICS-STEVAL-ICB007V1 Datasheet
71Kb / 4P
Capacitive touch demonstration board based on the STMPE321
03-Jun-2011
STEVAL-ILL038V1 STMICROELECTRONICS-STEVAL-ILL038V1 Datasheet
144Kb / 4P
LED resonant driver demonstration board based on the L6585DE
20-Jul-2011
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
Connectivity gateway demonstration board based on the STM32F107
15-Jun-2010
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
Four-layer demonstration board based on the STA333IS
01-Jul-2013
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
STEVAL-ISQ007V1 STMICROELECTRONICS-STEVAL-ISQ007V1 Datasheet
122Kb / 4P
High-side current-sense amplifier demonstration board based on the TSC101
12-Feb-2009
STEVAL-ISQ013V1 STMICROELECTRONICS-STEVAL-ISQ013V1 Datasheet
74Kb / 4P
Low-side current sensing demonstration board based on the TS507
23-Aug-2010
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com