Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STEVAL-IHT005V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHT005V1
Description  3.3 V control of ACS/Triac with STM32
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHT005V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHT005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHT005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHT005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHT005V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
December 2010
Doc ID 18344 Rev 1
1/4
4
STEVAL-IHT005V1
3.3 V control of ACS/Triac with STM32
Features
■ Complete solution for -3.3 V control
■ Input voltage range: 90-265 VAC, 50/60 Hz
■ Negative 6 V/3.3 V VDC auxiliary power supply
based on the Viper16L in buck-boost topology
■ Total power consumption in standby mode is
lower than 0.3 W for 264 V / 50 Hz
■ 48-pin, 32-bit value line family
STM32F100C4T6B MCU as main controller
■ Zero voltage switching (ZVS) interrupt to
synchronize MCU events with voltage mains
■ 1x T1235H-6T and ACST12-7C for phase
control of high power loads
■ 5 discrete power level states with soft change
for phase angle controlled devices
■ 1x Z0109 and 3x ACS108 for full wave control
of low power loads
■ 1x relay for demonstration of the board noise
robustness
■ “Red” LED to show the board is supplied from
mains
■ “Green” LED for each ACS/ACST/Triac to
show the device is turned on
■ IEC 61000-4-4 pre-compliance test passed
(burst up to 8 kV)
■ IEC 61000-4-5 pre-compliance test passed
(surge up to 2 kV)
■ RoHS compliant
Description
The STEVAL-IHT005V1 demonstration board is
designed for the home appliance market, with a
focus on the demonstration of a robust solution
with a 3.3 V supplied 32–bit MCU. Target
applications are mid-end and high-end washing
machines, dishwashers, and dryers, with different
kinds of ACS/Triacs. The demonstration board is
based on the 48-pin 32-bit
STM32F100C4T6BMCU, running at 24 MHz (RC
user-trimmable internal RC clock), featuring 16
kBytes of Flash memory, 12-bit A/D converter, 5
timers, communication interfaces, and 4 kBytes of
SRAM.
The power supply circuitry is based on VIPer16L,
an offline converter with an 800 V avalanche
rugged power section, operating at 60 kHz. The
power supply provides negative 6 V in buck-boost
topology. The STEVAL-IHT005V1 can control two
high power loads up to 2640 W, thanks to the
T1235H, a 12 A 600 V high temperature Triac,
and up to 1840 W ACST12-7C, 12 A 700 V
overvoltage protected ACSTTM device. The high
power load control is based on phase angle
control. To limit the in-rush current and possible
current peaks, the demonstration board features a
soft-start routine and a smooth power change
function for the high power loads. The STEVAL-
IHT005V1 can also control 4 low power loads up
to 100 W, thanks to 3 ACS108-6S, 0.8 A 600 V
overvoltage protected ACSTM devices and a
Z0109, 1 A standard 4 quadrant 600 V Triac. The
demonstration board passed the pre-compliance
tests for EMC directives IEC 61000-4-4 (burst up
to 8 kV) and IEC 61000-4-5 (surge up to 2 kV).
When put in standby mode, the STEVAL-
IHT005V1 has an overall standby power
consumption below 300 mW at 264 V / 50 Hz.
STEVAL-IHT005V1
www.st.com


Similar Part No. - STEVAL-IHT005V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHT005V2 STMICROELECTRONICS-STEVAL-IHT005V2 Datasheet
403Kb / 4P
Relay to demonstrate board noise robustness
05-Aug-2013
More results

Similar Description - STEVAL-IHT005V1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62726N TOSHIBA-TB62726N Datasheet
535Kb / 16P
16 BIT CONSTANT CURRENT LED DRIVER WITH OPERATING VOLTAGE OF 3.3 V
logo
ON Semiconductor
CS5231-3 ONSEMI-CS5231-3 Datasheet
146Kb / 14P
500 mA, 3.3 V Linear Regulator with Auxiliary Control
January, 2004 ??Rev. 5
logo
Marktech Corporate
TB62726ANG MARKTECH-TB62726ANG Datasheet
389Kb / 17P
16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Toshiba Semiconductor
TB62726ANG TOSHIBA-TB62726ANG Datasheet
251Kb / 19P
16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
TB62726AN TOSHIBA-TB62726AN Datasheet
254Kb / 18P
16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
Marktech Corporate
TB62726ANG MARKTECH-TB62726ANG_09 Datasheet
585Kb / 18P
16-bit Constant-Current LED Driver with Operating Voltage of 3.3-V and 5-V
logo
STMicroelectronics
AN4566 STMICROELECTRONICS-AN4566 Datasheet
369Kb / 19P
Extending the DAC performance of STM32 microcontrollers
03-Nov-2014
logo
Texas Instruments
THMC45 TI1-THMC45_13 Datasheet
262Kb / 15P
5-V AND 3.3-V DC BRUSHLESS FAN MOTOR DRIVER WITH SINGLE WIRE CONTROL
logo
Xilinx, Inc
XC3000L XILINX-XC3000L Datasheet
51Kb / 8P
Part of the ZERO family of 3.3 V FPGAs
logo
STMicroelectronics
X-NUCLEO-IHM09M2 STMICROELECTRONICS-X-NUCLEO-IHM09M2 Datasheet
254Kb / 5P
Motor control connector expansion board for STM32 Nucleo
18-Jul-2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com