Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR95HF Datasheet(PDF) 21 Page - STMicroelectronics

Part # CR95HF
Description  13.56-MHz multi-protocol contactless transceiver IC with SPI and UART serial access
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR95HF Datasheet(HTML) 21 Page - STMicroelectronics

Back Button CR95HF Datasheet HTML 17Page - STMicroelectronics CR95HF Datasheet HTML 18Page - STMicroelectronics CR95HF Datasheet HTML 19Page - STMicroelectronics CR95HF Datasheet HTML 20Page - STMicroelectronics CR95HF Datasheet HTML 21Page - STMicroelectronics CR95HF Datasheet HTML 22Page - STMicroelectronics CR95HF Datasheet HTML 23Page - STMicroelectronics CR95HF Datasheet HTML 24Page - STMicroelectronics CR95HF Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
CR95HF
Commands
Doc ID 018669 Rev 8
21/63
ISO/IEC
14443
Type A
NFC
Forum Tag
Type 4A
NFC
Forum Tag
Type 1
(Topaz)
NFC
Forum Tag
Type 2
Send example
04
07
9370800
F8C8E
28
Example of an NFC Forum Type 2
request sequence:
>>>0x04022607 (REQA)
<<<0x800544002800 (ATQA)
>>>0x0403932008 (Anti-collision CL1)
<<<0x80088804A8D5F1280000 (UID
CL1)...
Example of an NFC Forum Type 1
(Topaz) request sequence:
>>>0x04022607 (REQA)
<<<0x8005000C280000 (ATQ0 ATQ1)
>>>0x040878000000000000A8 (RID)
<<<0x800B11486E567A003E450800
00 (Header0 Header1 UID0 UID 1 UID2
UID3 CRC0 CRC1Signifcant bits
indexColbyte IndexColbit)
Application SW must specify how many
bits to send in the last byte. If flag
SplitFrame is set, CR95HF will expect
8 – <significant bit count> bits in the 1st
byte during reception. Otherwise it
expects 8 bits.
This command is useful for anti-collision.
Command code
Length of entire data field
Data
Transmission flags:
7: Topaz send format. Use EOF instead of
parity bit and use SOF at beginning of each
byte. Pause between bytes and assume 1st
byte is 7 bits.
6: SplitFrame
5: Append CRC
4: Do not decode parity bit for proprietary
framing
[3:0]: 8 – number of significant bits in last byte
ISO/IEC
14443
Type B
NFC
Forum Tag
Type 4B
Send example
04
03
050000
Example of an NFC Forum Type 4B
request sequence:
>>>0x0403050000 (REQB)
<<<0x800F5077FE01B30000000000
71718EBA00 (ATQB)
Command code
Length of entire data field
Data
ISO/IEC
18092
NFC
Forum Tag
Type 3
Send example
04
05
00FFFF0000
Example of an ISO/IEC 18092 / NFC
Forum Type 3 request sequence:
>>>0x040500FFFF0000 (REQC)
<<<0x801201010102148E0DB41310
0B4B428485D0FF00 (ATQC)
Command code
Length of entire data field
Data
Table 11.
List of
<Data> Send values for the SENDRECV command for different
protocols (continued)
Protocol
Explanation
Command example
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com