Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR95HF Datasheet(PDF) 39 Page - STMicroelectronics

Part # CR95HF
Description  13.56-MHz multi-protocol contactless transceiver IC with SPI and UART serial access
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR95HF Datasheet(HTML) 39 Page - STMicroelectronics

Back Button CR95HF Datasheet HTML 35Page - STMicroelectronics CR95HF Datasheet HTML 36Page - STMicroelectronics CR95HF Datasheet HTML 37Page - STMicroelectronics CR95HF Datasheet HTML 38Page - STMicroelectronics CR95HF Datasheet HTML 39Page - STMicroelectronics CR95HF Datasheet HTML 40Page - STMicroelectronics CR95HF Datasheet HTML 41Page - STMicroelectronics CR95HF Datasheet HTML 42Page - STMicroelectronics CR95HF Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
CR95HF
Electrical characteristics
Doc ID 018669 Rev 8
39/63
6.4
SPI characteristics
The CR95HF supports (CPOL = 0, CPHA = 0) and (CPOL = 1, CPHA = 1) modes.
Figure 12.
SPI timing diagram (Slave mode and CPOL = 0, CPHA = 0)
Table 32.
SPI interface characteristics
Symbol
Parameter
Condition
Min.
Max.
Unit
fSCK
1/ tc(SCK)
SPI clock frequency
2.0
MHz
VIL
Input low voltage
0.3
VPS
VIH
Input high voltage
0.7
VOL
Output low voltage
0.4
VOH
Output high voltage
0.7
tSU(NSS)
(1)
1.
Values based on design simulation and/or characterization results, and not on tested in production.
NSS setup time
70
ns
th(NSS)
(1)
NSS hold time
0
tCH(SCKL)
(1)
Clock low time
200
ns
tCH(SCKH)
(1)
Clock high time
200
tSU(SI)
(1)
Data slave Input setup time
20
ns
th(SI)
(1)
Data slave Input hold time
80
tv(SO)
(1)
Data slave output valid time
80
ns
th(SO)
(1)
Data slave output hold time
After enable
edge
150
Cb_SPI_IN
Capacitive load for input pins NSS,
CLK, MOSI
3pF
Cb_SPI_OUT
Capacitive load for input pins
MOSI
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com