Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR95HF Datasheet(PDF) 31 Page - STMicroelectronics

Part # CR95HF
Description  13.56-MHz multi-protocol contactless transceiver IC with SPI and UART serial access
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CR95HF Datasheet(HTML) 31 Page - STMicroelectronics

Back Button CR95HF Datasheet HTML 27Page - STMicroelectronics CR95HF Datasheet HTML 28Page - STMicroelectronics CR95HF Datasheet HTML 29Page - STMicroelectronics CR95HF Datasheet HTML 30Page - STMicroelectronics CR95HF Datasheet HTML 31Page - STMicroelectronics CR95HF Datasheet HTML 32Page - STMicroelectronics CR95HF Datasheet HTML 33Page - STMicroelectronics CR95HF Datasheet HTML 34Page - STMicroelectronics CR95HF Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 63 page
background image
CR95HF
Commands
Doc ID 018669 Rev 8
31/63
5.8.1
Improving RF performance
Adjusting the Modulation Index and Receiver Gain parameters helps adjust application
behavior. These parameters are the two nibbles of the Analog Register Configuration
register (ARC_B).
The default value of these parameters (Table 20) is set by the PROTOCOLSELECT command,
but they can be overwritten using the Write Register (WRREG) command (
0x09). Table 18
and Table 19 list possible values for the Modulation Index and Receiver Gain parameters
respectively.
This new configuration is valid until a new PROTOCOLSELECT or Write Register (of register
ARC_B) command is executed. Register values are cleared at power off.
How to modify Analog Register Configuration register (ARC_B) values
1.
Use the PROTOCOLSELECT command (
0x02) to select the correct communication
protocol.
For example, to select the ISO/IEC 18092 protocol:
Send PROTOCOLSELECT command:
>>>
0x02020451
CR95HF reply:
<<<
0x0000
2.
Read the Analog Register Configuration register (ARC_B) value.
a)
Write the ARC_B register index at 0x01:
>>>0x0903680001
CR95HF reply:
<<<
0x0000
b)
Read the ARC_B register value:
>>>
0x0803690100
CR95HF reply:
<<<
0x015F
In this example, the ARC_B register value is
0x5F, where “5” is the Modulation
IndexModulation Index and “F” is the Receiver Gain.
3.
Modify the Modulation Index and Receiver Gain values with 0x23.
Write the ARC_B register index:
>>>
0x090468010123
CR95HF reply:
<<<
0x0000
Table 17.
WRREG command description (Modulation Index and Receiver Gain)
Direction
Data
Comments
Example
Host to
CR95HF
0x09
Command code
>>>0x090468010113
Update ARC_B value to 0x13
>>>0x0903680001
Set Analog Register Index to
0x01 (ARC_B) (1)
1.
This command must be executed before reading the ARC_B register (
0x0803690100).
0x03 or
0x04
Length of data
0x68
Analog Register Configuration address
index
0x00
or
0x01
Flag Increment address or not after Write
command
0x01
Index pointing to the Modulation Index and
Receiver Gain values in ARC_B register
(0x01) (See Section 5.8.1)
0xXX
New value for Modulation Index and
Receiver Gain nibbles (See Section 5.8.1)
CR95HF to
Host
0x00
Result code
<<<0x0000
Register written
0x00
Length of data (= RegCount)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com