Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95320-DR Datasheet(PDF) 33 Page - STMicroelectronics

Part # M95320-DR
Description  32-Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-DR Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M95320-DR Datasheet HTML 29Page - STMicroelectronics M95320-DR Datasheet HTML 30Page - STMicroelectronics M95320-DR Datasheet HTML 31Page - STMicroelectronics M95320-DR Datasheet HTML 32Page - STMicroelectronics M95320-DR Datasheet HTML 33Page - STMicroelectronics M95320-DR Datasheet HTML 34Page - STMicroelectronics M95320-DR Datasheet HTML 35Page - STMicroelectronics M95320-DR Datasheet HTML 36Page - STMicroelectronics M95320-DR Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
M95320-W M95320-R M95320-DR
DC and AC parameters
Doc ID 5711 Rev 14
33/48
Table 12.
Capacitance
Symbol
Parameter
Test conditions(1)
1.
Sampled only, not 100% tested, at TA = 25 °C and a frequency of 5 MHz.
Min.
Max.
Unit
COUT
Output capacitance (Q)
VOUT = 0 V
8
pF
CIN
Input capacitance (D)
VIN = 0 V
8
pF
Input capacitance (other pins)
VIN = 0 V
6
pF
Table 13.
Cycling performance by groups of four bytes
Symbol
Parameter(1)
1.
Cycling performance for products identified by process letter K.
Test conditions
Min.
Max.
Unit
Ncycle
Write cycle
endurance(2)
2.
The Write cycle endurance is defined for groups of four data bytes located at addresses [4*N, 4*N+1,
4*N+2, 4*N+3] where N is an integer. The Write cycle endurance is defined by characterization and
qualification.
TA
≤ 25 °C, 1.8 V < VCC < 5.5 V
4,000,000
Write
cycle(3)
3.
A Write cycle is executed when either a Page Write, a Byte Write, a WRSR, a WRID or an LID instruction is
decoded. When using the Byte Write, the Page Write or the WRID instruction, refer also to Section 6.6.1:
Cycling with Error Correction Code (ECC).
TA = 85 °C, 1.8 V < VCC < 5.5 V
1,200,000
Table 14.
Memory cell data retention
Parameter
Test conditions
Min.
Unit
Data retention(1)
1.
For products identified by process letter K. The data retention behavior is checked in production. The 200-
year limit is defined from characterization and qualification results.
TA = 55 °C
200
Year



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com