Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95320-DR Datasheet(PDF) 35 Page - STMicroelectronics

Part # M95320-DR
Description  32-Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-DR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M95320-DR Datasheet HTML 31Page - STMicroelectronics M95320-DR Datasheet HTML 32Page - STMicroelectronics M95320-DR Datasheet HTML 33Page - STMicroelectronics M95320-DR Datasheet HTML 34Page - STMicroelectronics M95320-DR Datasheet HTML 35Page - STMicroelectronics M95320-DR Datasheet HTML 36Page - STMicroelectronics M95320-DR Datasheet HTML 37Page - STMicroelectronics M95320-DR Datasheet HTML 38Page - STMicroelectronics M95320-DR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
M95320-W M95320-R M95320-DR
DC and AC parameters
Doc ID 5711 Rev 14
35/48
Table 16.
DC characteristics (M95320-R, M95320-DR, device grade 6)
Symbol
Parameter
Test conditions(1)
Min.
Max.
Unit
ILI
Input leakage
current
VIN = VSS or VCC
± 2
µA
ILO
Output leakage
current
S = VCC, voltage applied on Q = VSS or VCC
± 2
µA
ICC
Supply current
(Read)
VCC = 1.8 V, max clock frequency (fC),
C = 0.1VCC/0.9VCC, Q = open
2
mA
VCC = 1.8 V, fC = 5 MHz,
C = 0.1VCC/0.9VCC, Q = open
2(2)
ICC0
(3)
Supply current
(Write)
VCC = 1.8 V, during tW, S = VCC
5mA
ICC1
Supply current
(Standby)
VCC = 1.8 V, S = VCC, VIN = VSS or VCC
1µA
VIL
Input low voltage
1.8 V
≤VCC < 2.5 V
–0.45
0.25 VCC
V
VIH
Input high voltage
1.8 V
≤VCC < 2.5 V
0.75 VCC
VCC+1
V
VOL
Output low voltage
IOL = 0.15 mA, VCC = 1.8 V
0.3
V
V
OH
Output high voltage
IOH = –0.1 mA, VCC = 1.8 V
0.8 VCC
V
VRES
(3)
Internal reset
threshold voltage
1.0(4)
1.65(5)
V
1.
If the application uses the M95320-R device at 2.5 V
≤VCC ≤5.5 V and –40 °C ≤TA ≤+85 °C, please refer to Table 15: DC
characteristics (M95320-W, device grade 6), rather than to the above table.
2.
For the device identified by process letter K.
3.
Characterized only, not tested in production.
4.
0.7 V with the device identified by process letter K.
5.
1.3 V with the device identified by process letter K.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com