Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95320-DR Datasheet(PDF) 46 Page - STMicroelectronics

Part # M95320-DR
Description  32-Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-DR Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M95320-DR Datasheet HTML 40Page - STMicroelectronics M95320-DR Datasheet HTML 41Page - STMicroelectronics M95320-DR Datasheet HTML 42Page - STMicroelectronics M95320-DR Datasheet HTML 43Page - STMicroelectronics M95320-DR Datasheet HTML 44Page - STMicroelectronics M95320-DR Datasheet HTML 45Page - STMicroelectronics M95320-DR Datasheet HTML 46Page - STMicroelectronics M95320-DR Datasheet HTML 47Page - STMicroelectronics M95320-DR Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
Revision history
M95320-W M95320-R M95320-DR
46/48
Doc ID 5711 Rev 14
20-Mar-2008
9
Section 4.1: Supply voltage (VCC) updated.
10 MHz frequencies added to Table 26: AC characteristics (M95080,
device grade 3) and Table 29: AC characteristics (M95080-W, device
grade 3).
Small text changes.
23-Jun-2008
10
Section 4.1: Supply voltage (VCC) updated.
Table 19: DC characteristics (M95640-DF, device grade 6) modified.
Figure 23: Serial input timing, Figure 20: Hold timing and Figure 21: Serial
output timing modified.
17-Feb-2009
11
Section 4.1: Supply voltage (VCC) and Section 6.4: Write Status Register
(WRSR) updated.
Note added to Section 6.6: Write to Memory Array (WRITE).
Section 7.2: Initial delivery state specified.
Note modified in Table 14: Capacitance. ICC at 10 MHz added to Table 16:
DC characteristics (M95080, device grade 3).
VRES parameter added to DC characteristics tables 16, 16, 17 and 19.
Note added to tCLQV in AC characteristics tables 26, 32, 29 and 21.
Note added to Table 20: AC characteristics (M95320-R) and Table 21: AC
characteristics (M95640-R).
Process letter modified in Table 45: Ordering information scheme.
07-Dec-2009
12
64 Kbit densities removed from datasheet.
ECOPACK status of packages specified in Features and in Table 45:
Ordering information scheme.
IOL and IOH added to Table 8: Absolute maximum ratings.
Note 2 added below Figure 27: UFDFPN8 (MLP8) - 8-lead ultra thin fine
pitch dual flat no lead, package outline.
Small text changes.
13-May-2011
13
Added part number M95320-DR and related explanations:
– Table 4: M95320-DR instruction set
– Section 6.7: Read Identification Page
– Section 6.9: Read Lock Status
– Section 6.10: Lock ID
– Figure 16: Read Lock Status sequence
– Figure 17: Lock ID sequence
Updated:
– Features
– Section 1: Description
– Section 6.4: Write Status Register (WRSR)
– Section 6.6: Write to Memory Array (WRITE)
– Table 8: Absolute maximum ratings
– Table 40: UFDFPN8 (MLP8) 8-lead ultra thin fine pitch dual flat package
no lead 2 x 3 mm, data
– All tables in Section 9: DC and AC parameters
– Section 11: Part numbering
– Figure 27: UFDFPN8 (MLP8) - 8-lead ultra thin fine pitch dual flat no
lead, package outline.
Table 23.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com