Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-85112 Datasheet(PDF) 5 Page - Sony Corporation

Part # CXP-85112
Description  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85112 Datasheet(HTML) 5 Page - Sony Corporation

  CXP-85112 Datasheet HTML 1Page - Sony Corporation CXP-85112 Datasheet HTML 2Page - Sony Corporation CXP-85112 Datasheet HTML 3Page - Sony Corporation CXP-85112 Datasheet HTML 4Page - Sony Corporation CXP-85112 Datasheet HTML 5Page - Sony Corporation CXP-85112 Datasheet HTML 6Page - Sony Corporation CXP-85112 Datasheet HTML 7Page - Sony Corporation CXP-85112 Datasheet HTML 8Page - Sony Corporation CXP-85112 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
– 5 –
CXP85112B/85116B, CXP85220A/85224A/85228A/85232A
(Port A)
8-bit I/O port. I/O can be set in a unit of single bits.
(8 pins)
(Port B)
8-bit I/O port. I/O can be set in a unit of single bits.
(8 pins)
(Port C)
8-bit I/O port. I/O can be set in a unit of single bits.
(8 pins)
(Port D)
8-bit I/O port.
I/O can be set ina a
unit of single bits.
Capable of driving
12mA sink current.
(8 pins)
(Port E)
8-bit port. Lower
6 bits are for inputs;
upper 2 bits are for
outputs.
(Port F)
8-bit output port,
operating as N-ch
open drain output
for high current
(12mA).
Lower 4 bits are
medium voltage
drive outputs (12V),
upper 4bits are 5V
drive outputs.
(8 pins)
4-bit outputs for CRT display.
Horizontal synchronizing signal input for CRT display.
Vertical synchronizing signal input for CRT display.
Pin Description
Symbol
PA0 to PA7
PB0 to PB7
PC0 to PC7
PD0/INT2
PD1/SCK
PD2/SO
PD3/SI
PD4/HSI
PD5/ACI
PD6/RMC
PD7/EC
PE0/INT0
PE1/INT1
PE2/AN0
to
PE5/AN3
PE6/PWM
PE7/TO
PF0/PWM0
to
PF3/PWM3
PF4/PWM4/
SCL0
PF5/PWM5/
SCL1
PF6/PWM6/
SDA0
PF7/PWM7/
SDA1
R, G, B, BLK
HSYNC
VSYNC
I/O
I/O
I/O
I/O/Input
I/O/I/O
I/O/Output
I/O/Input
I/O/Input
I/O/Input
I/O/Input
I/O/Input
Input/Input
Input/Input
Output/Output
Output/Output
Output/Output
Output/Output/
I/O
Output/Output/
I/O
Output
Input
Input
I/O
Description
External interruption request input.
Active at falling edge.
Serial clock I/O.
Serial data output.
Serial data input.
HSYNC counter input.
Input for power supply frequency counter.
Input for remote control reception circuit.
External event input for timer/counter.
External interruption request inputs.
Active at falling edge.
(2 pins)
Analog inputs for A/D converter.
(4 pins)
14-bit PWM output.
(CMOS output)
Rectangular waveform output for Timer 1.
(Duty output 50%)
6-bit PWM outputs.
(8 pins)
Transfer clock I/Os for I2C bus
interface.
Transfer data I/Os for I2C data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com