Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-85112 Datasheet(PDF) 8 Page - Sony Corporation

Part # CXP-85112
Description  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85112 Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXP-85112 Datasheet HTML 4Page - Sony Corporation CXP-85112 Datasheet HTML 5Page - Sony Corporation CXP-85112 Datasheet HTML 6Page - Sony Corporation CXP-85112 Datasheet HTML 7Page - Sony Corporation CXP-85112 Datasheet HTML 8Page - Sony Corporation CXP-85112 Datasheet HTML 9Page - Sony Corporation CXP-85112 Datasheet HTML 10Page - Sony Corporation CXP-85112 Datasheet HTML 11Page - Sony Corporation CXP-85112 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
– 8 –
CXP85112B/85116B, CXP85220A/85224A/85228A/85232A
IP
RD (Port E)
Data bus
Schmitt input
(To interruption circuit)
IP
Input multiplexer
To A/D converter
RD (Port E)
Data bus
TO, PWM
Port selection
Port E data
Port E
2 pins
4 pins
2 pins
Pin
When reset
Circuit format
PE0/INT0
PE1/INT1
Port E
Port E
High level
Hi-Z
Hi-Z
PE2/AN0
to
PE5/AN3
PE6/PWM
PE7/TO
SCL, SDA
Port selection
Port F data
PWM
I2C output enable
IP
Schmitt input
SCL, SDA
(To I2C circuit)
To other I2C pins
BUS SW
PWM
Port selection
Port F data
Middle tension proof 12V
High current
12mA
Port F
Port F
4 pins
4 pins
PF4/PWM4/
SCL0
PF5/PWM5/
SCL1
PF6/PWM6/
SDA0
PF7/PWM7/
SDA1
Hi-Z
Hi-Z
PF0/PWM0
to
PF3/PWM3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com