Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXP-85112 Datasheet(PDF) 10 Page - Sony Corporation

Part # CXP-85112
Description  CMOS 8-bit Single-chip Microcomputer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXP-85112 Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXP-85112 Datasheet HTML 6Page - Sony Corporation CXP-85112 Datasheet HTML 7Page - Sony Corporation CXP-85112 Datasheet HTML 8Page - Sony Corporation CXP-85112 Datasheet HTML 9Page - Sony Corporation CXP-85112 Datasheet HTML 10Page - Sony Corporation CXP-85112 Datasheet HTML 11Page - Sony Corporation CXP-85112 Datasheet HTML 12Page - Sony Corporation CXP-85112 Datasheet HTML 13Page - Sony Corporation CXP-85112 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
– 10 –
CXP85112B/85116B, CXP85220A/85224A/85228A/85232A
∗1 V
IN
and VOUT must not exceed VDD + 0.3V.
∗2 The high current operation transistor is the N-ch transistor of PD and PF0 to PF3.
Note) Usage exceeding absolute maximum ratings may permanently impair the LSI. Normal operation should
be conducted under the recommended operating conditions.
Exceeding these conditions may adversely affect the reliability of the LSI.
Supply voltage
Input voltage
Output voltage
Medium voltage drive output voltage
High level output current
High level total output current
Low level output current
Low level total output current
Operating temperature
Storage temperature
Allowable power dissipation
VDD
VIN
VOUT
VOUTP
IOH
∑IOH
IOL
IOLC
∑IOL
Topr
Tstg
PD
–0.3 to +7.0
–0.3 to +7.0∗1
–0.3 to +7.0∗1
–0.3 to +15.0
–5
–50
15
20
130
–20 to +75
–55 to +150
1000
600
V
V
V
V
mA
mA
mA
mA
mA
°C
°C
mW
mW
Pins PF0 to PF3
Total for all output pins
Excludes high current outputs
High current outputs∗2
Total for all output pins
SDIP
QFP
Symbol
Rating
Unit
Remarks
Absolute Maximum Ratings
(Vss = 0V reference)
Supply voltage
High level input voltage
Low level input voltage
Operating temperature
5.5
5.5
5.5
VDD
VDD
VDD + 0.3
0.3VDD
0.2VDD
0.4
+75
V
V
V
V
V
V
V
V
V
°C
Item
Symbol
Min.
Max.
Unit
Remarks
4.5
3.5
2.5
0.7VDD
0.8VDD
VDD – 0.4
0
0
–0.3
–20
VIH
VIHS
VIHEX
VIL
VILS
VILEX
Topr
Guaranteed operation range
Low-speed mode guaranteed
operation range∗1
Guaranteed data hold range
during stop
Includes I2C Schmitt input∗2
CMOS Schmitt input∗3
EXTAL∗4
Includes I2C Schmitt input∗2
CMOS Schmitt input∗3
EXTAL∗4
VDD
∗1 Specifies only for 1/16 frequency demultiplication mode and sleep mode.
∗2 Value for each pin of normal input ports (PA, PB, PC, PE2 to PE5), PF4 to PF7, and MP.
∗3 Value of the following pins: PD0/lNT2, PD1/SCK, PD2, PD3/Sl, PD4/HSl, PD5/ACI, PD6/RMC, PD7/EC,
PE0/INT0, PE1/lNT1, HSYNC, VSYNC, RST.
∗4 Specifies only during external clock input.
Recommended Operating Conditions
(Vss = 0V reference)
Item



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com