Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R017 Datasheet(PDF) 49 Page - Holtek Semiconductor Inc

Part # HT46R017
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R017 Datasheet(HTML) 49 Page - Holtek Semiconductor Inc

Back Button HT46R017 Datasheet HTML 45Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 46Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 47Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 48Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 51Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 52Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 53Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
Rev. 1.00
48
���� 1�� �01�
Rev. 1.00
49
���� 1�� �01�
HT46R016/HT46R017
Enhanced A/D 8-Bit OTP MCU
Timer Program Example
The program shows how the Timer/Event Counter registers are setup along with how the interrupts
are enabled and managed. Note how the Timer/Event Counter is turned on, by setting bit 4 of the
Timer Control Register. The Timer/Event Counter can be turned off in a similar way by clearing the
same bit. This example program sets the Timer/Event Counters to be in the timer mode, which uses
the internal system clock as their clock source.
Timer Programming Example
org 04h
; external interrupt vector
org 08h
; Timer Counter 0 interrupt vector
jmp tmr0int
; jump here when Timer 0 overflows
:
:
org 20h
; main program
:
:
; internal Timer 0 interrupt routine
tmr0int:
:
; Timer 0 main program placed here
:
:
begin:
; setup Timer 0 registers
mov a,09bh
; setup Timer 0 preload value
mov tmr0,a
mov a,081h
; setup Timer 0 control register
mov tmr0c,a
; timer mode and prescaler set to /2
; setup interrupt register
mov a,00dh
; enable master interrupt and both timer interrupts
mov intc0,a
:
:
set tmr0c.4
; start Timer 0
:
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com