Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R017 Datasheet(PDF) 53 Page - Holtek Semiconductor Inc

Part # HT46R017
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R017 Datasheet(HTML) 53 Page - Holtek Semiconductor Inc

Back Button HT46R017 Datasheet HTML 49Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 50Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 51Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 52Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 53Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 54Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 55Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 56Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 57Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 91 page
background image
Rev. 1.00
5�
���� 1�� �01�
Rev. 1.00
53
���� 1�� �01�
HT46R016/HT46R017
Enhanced A/D 8-Bit OTP MCU
PWM Programming Example
The following sample program shows how the PWM output is setup and controlled.
mov a,64h
; setup PWM value of decimal 100
mov pwm,a
set ctrl0.1
; select the 7+1 PWM mode
set ctrl0.0
; select pin PA4 to have a PWM function
clr pac.4
; setup pin PA4 as an output
set pa.4
; enable the PWM output
:
:
clr pa.4
; disable the PWM output_ pin PA4 forced low
Analog to Digital Converter
The need to interface to real world analog signals is a common requirement for many electronic
systems. However, to properly process these signals by a microcontroller, they must first be
converted into digital signals by A/D converters. By integrating the A/D conversion electronic
circuitry into the microcontroller, the need for external components is reduced significantly with the
corresponding follow-on benefits of lower costs and reduced component space requirements.
A/D Overview
The device contains a 4-channel analog to digital converter which can directly interface to external
analog signals, such as that from sensors or other control signals and convert these signals directly
into either a 12-bit digital value.
Part No.
Input Channels
Conversion Bits
Input Pins
HT4�R01�/017
4
1�
PA0~PA3
The accompanying block diagram shows the overall internal structure of the A/D converter, together
with its associated registers.
A/ D Co nv er te r
PB0 /A N0
PB1 /A N1
PB2 /A N2
PB3 /A N3
A/ D Re fe re nc e Vo lt ag e
A DRL
AD RH
A/ D Da ta
Re gi st er s
VBG EN
S TA RT EO CB AD OF F
V S S
PB 0/ VR EF
A DCK 2~ A DCK 0
f SYS
AC E3 ~A CE 0
A CS 4,
AC S 1~ AC S 0
1. 25V
A/ D Cl oc k
V DD
AD OF F
Bi t
VR EF S B it
AD RF S b it
¸ 2 N
(N =0 ~6 )
A/D Converter Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com