Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R017 Datasheet(PDF) 85 Page - Holtek Semiconductor Inc

Part # HT46R017
Description  Enhanced A/D Type 8-Bit OTP MCU
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R017 Datasheet(HTML) 85 Page - Holtek Semiconductor Inc

Back Button HT46R017 Datasheet HTML 81Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 82Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 83Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 84Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 85Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 86Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 87Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 88Page - Holtek Semiconductor Inc HT46R017 Datasheet HTML 89Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 91 page
background image
Rev. 1.00
84
���� 1�� �01�
Rev. 1.00
85
���� 1�� �01�
HT46R016/HT46R017
Enhanced A/D 8-Bit OTP MCU
Package Information
Note that the package information provided here is for consultation purposes only. As this
information may be updated at regular intervals users are reminded to consult the Holtek website
(http://www.holtek.com.tw/english/literature/package.pdf) for the latest version of the package
information.
16-pin DIP (300mil) Outline Dimensions
Fig1. Full Lead Packages
Fig2. 1/2 Lead Packages
MS-001d (see fig1)
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.780
—
0.880
B
0.�40
—
0.�80
C
0.115
—
0.195
D
0.115
—
0.150
E
0.014
—
0.0��
F
0.045
—
0.070
G
—
0.100
—
H
0.300
—
0.3�5
I
—
0.430
—
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
19.81
—
��.35
B
�.10
—
7.11
C
�.9�
—
4.95
D
�.9�
—
3.81
E
0.3�
—
0.5�
F
1.14
—
1.78
G
—
�.54
—
H
7.��
—
8.��
I
—
10.9�
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com