Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47C06L Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT47C06L
Description  R-F Type Low Voltage 8-Bit Mask MCU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C06L Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT47C06L Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 9Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 10Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 11Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 12Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
HT47C06L
Rev. 1.00
9
June 15, 2007
gram memory. Only the program counter is pushed onto
the stack. If the contents of the register and status regis-
ter (STATUS) is altered by the interrupt service program
which corrupts the desired control sequence, the con-
tents must be saved first.
The internal timer/event counter interrupt is initialized by
setting the timer/event counter interrupt request flag (TF;
bit 4 of INTC), caused by a timer A or timer B overflow.
When the interrupt is enabled, and the stack is not full
and the TF bit is set, a subroutine call to location 04H will
occur. The related interrupt request flag (TF) will be reset
and the EMI bit cleared to disable further interrupts.
The time base interrupt is initialized by setting the time
base interrupt request flag (TBF; bit 5 of INTC), caused
by a regular time base signal. When the interrupt is en-
abled, and the stack is not full and the TBF bit is set, a
subroutine call to location 08H will occur. The related in-
terrupt request flag (TBF) will be reset and the EMI bit
cleared to disable further interrupts.
During the execution of an interrupt subroutine, other in-
terrupt acknowledgments are held until the RETI in-
struction is executed or the EMI bit and the related
interrupt control bit are set to 1 (if the stack is not full). To
return from the interrupt subroutine, RET or RETI in-
struction may be invoked. RETI will set the EMI bit to en-
able an interrupt service, but RET does not.
Interrupts occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
Timer/event counter interrupt
1
04H
Time base interrupt
2
08H
Oscillator Configuration
There is one external RC oscillator.
One method to generating the system clock is using an
external RC network. The HALT mode turned off the
system oscillator and ignores an external signal to con-
serve power.
If an RC oscillator is used, it requires that an external re-
sistor is connected between OSC1 and OSC2. The RC
oscillator provides the most cost effective solution. How-
ever, the oscillation frequency may vary with VDD, tem-
perature and process variations on the chip itself. It is
therefore not suitable for applications involving timing
sensitive operations or where accurate oscillator fre-
quencies are required.
Watchdog Timer
- WDT
The WDT clock source (fS)isfSYS. The timer is designed to
prevent software malfunctions or sequences from jump-
ing to unknown locations with unpredictable results. The
Watchdog timer can be disabled by mask option. If the
Watchdog timer is disabled, all the executions related to
the WDT result in no operation.
The
²HALT² instruction is executed, WDT still counts if fOSC
is on and can wake-up from HALT mode due to the WDT
time-out.
The WDT overflow under normal operation will initialize
a
²chip reset² and set the status bit TO. Whereas in the
HALT mode, the overflow will initialize a
²warm reset²
wherein only the program counter and stack pointer are
reset to zero. To clear the contents of the WDT, three
methods are adopted. The first is an external hardware
reset (a low level on the RES pin), the second is via soft-
ware instructions, and the third is via a
²HALT² instruc-
tion. The software instruction is CLR WDT. Any
execution of the CLR WDT instruction will clear the
WDT. The WDT may reset the chip due to time-out.
The WDT time-out period ranges from fS/2
15~f
S/2
16. The
²CLR WDT² instruction only clears the last two-stage of
the WDT.
Bit No.
Label
Function
0
EMI
Controls the master or global interrupt (1=enabled; 0=disabled)
1
ETI
Controls the timer/event counter interrupt (1=enabled; 0=disabled)
2
ETBI
Controls the time base interrupt (1=enabled; 0=disabled)
3
¾
Unused bit, read as
²0²
4
TF
Timer/event counter interrupt request flag (1=active; 0=inactive)
5
TBF
Time base interrupt request flag (1=active; 0=inactive)
6~7
¾
Unused bit, read as
²0²
INTC (0BH) Register
R C O s c i l l a t o r
O S C 1
O S C 2
System Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com