Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47C06L Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT47C06L
Description  R-F Type Low Voltage 8-Bit Mask MCU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C06L Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT47C06L Datasheet HTML 1Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 2Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 3Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 4Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 5Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 6Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 7Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 8Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
Pad Description
Pad Name
I/O
Function
RES
I
Schmitt trigger reset input. Active low
PA0/BZ
PA1/BZ
I/O
I/O
Bidirectional 2-bit input/output port. Each bit can be a wake-up input. The PA0 and PA1 are
pin-shared with the BZ and BZ, respectively. Once the PA0 and PA1 are selected as buzzer
driving outputs, the output signals come from an internal buzzer clock generator.
Software instructions determine the CMOS output or Schmitt trigger input with pull-high re-
sistor (mask option).
PA2/EL
I/O
Bidirectional 1-bit input/output port. This bit can be a wake-up input. The PA2 is pin-shared
with the EL carrier output. Once the PA2 is selected as EL carrier output, the output signal
comes from an internal EL carrier clock generator. Software instructions determine the
CMOS output or Schmitt trigger input with pull-high resistor (mask option).
PA3~PA7
I/O
Bidirectional 5-bit input/output port. Each bit can be a wake-up input.
Software instructions determine the CMOS output or Schmitt trigger input with pull-high re-
sistor (mask option).
VSS
¾
Negative power supply, ground
VCC, C1, C2
¾
Voltage doubler, VCC=2
´VDD
VCC: LCD power supply voltage, connect a capacitor between VCC and VSS.
C1, C2: Switching pins for VCC, connect a capacitor between C1 and C2.
COM0~COM1,
COM2/SEG13
O
The 1/3 LCD duty cycle configuration option will determine whether pin COM2/SEG13 is
configured as a SEG13 segment driver or as a common COM2 output driver for the LCD
panel. COM0~COM1 are the LCD common outputs.
SEG0~SEG12
O
LCD driver outputs for LCD panel segments.
VDD
¾
Positive power supply
LVD
¾
Low voltage detector. Connect a resistor between VSS and LVD.
RCIN
I
RC type A/D converter input pin for RC oscillation.
RREF
O
RC type A/D converter output pin for reference resistor oscillation.
RSEN
O
RC type A/D converter output pin for sensor resistor oscillation.
OSC1
OSC2
¾
System oscillator pin, connect a resistor between OSC1 and OSC2.
TRIM1~TRIM2
I
TEST mode input pin. Let open in normal mode.
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+2.5V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT47C06L
Rev. 1.00
3
June 15, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com