Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT47C06L Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT47C06L
Description  R-F Type Low Voltage 8-Bit Mask MCU
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT47C06L Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT47C06L Datasheet HTML 9Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 10Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 11Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 12Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 13Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 14Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 15Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 16Page - Holtek Semiconductor Inc HT47C06L Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
HT47C06L
Rev. 1.00
13
June 15, 2007
Bit No.
Label
Function
0~2
¾
Unused bit, read as
²0²
3TE
Defines the TMR active edge of the timer/event counter:
In Event Counter Mode (TM1,TM0)=(0,1):
1:count on falling edge;
0:count on rising edge
In Pulse Width measurement mode (TM1,TM0)=(1,1):
1: start counting on the rising edge, stop on the falling edge;
0: start counting on the falling edge, stop on the rising edge
4
TON
To enable/disable timer counting
(0=disabled; 1=enabled)
5
6
TM0
TM1
To define the operating mode (TM1, TM0)
10=Timer mode (Internal clock: fSYS)
01=Event counter mode (External clock: A/D clock from pad RCIN)
11=Pulse width measurement mode (RCIN, fSYS)
00=Unused
7
¾
Unused bit, read as
²0²
TMRC (22H) Register
the cycle measurement will function again as long as it
receives further transient pulse. Note that in this opera-
tion mode, the timer/event counter starts counting not
according to the logic level but according to the transient
edges. In the case of counter overflow, the counter is re-
loaded from the timer/event counter preload register
and issues interrupt request just like the other two
modes.
To enable the counting operation, the timer on bit (TON;
bit 4 of TMRC) should be set to 1. In the pulse width
measurement mode, the TON will automatically be
cleared after the measurement cycle is completed. But
in the other two modes, the TON can only be reset by in-
structions.
In the case of timer/event counter Off condition, writing
data to the timer/event counter preload register also re-
loads that data to the timer/event counter. But if the
timer/event counter turns On, data written to the
timer/event counter preload register is kept only in the
timer/event counter preload register. The timer/event
counter will still operate until overflow occurs.
When the timer/event counter (reading TMRAH) is read,
the clock will be blocked to avoid errors. As this may re-
sults in a counting error, this must be taken into consid-
eration.
It is strongly recommended to load first the desired
value into TMRBL, TMRBH, TMRAL, and TMRAH regis-
ters then turn on the related timer/event counter for
proper operation. Because the initial value of TMRBL,
TMRBH, TMRAL and TMRAH are unknown.
Example for Timer/event counter mode (disable interrupt):
clr tmrc
clr adcr.1
; set timer mode
clr intc.4
; clear timer/event counter interrupt request flag
mov a, low (65536-1000)
; give timer initial value
mov tmrbl, a
; count 1000 time and then overflow
mov a, high (65536-1000)
mov tmrbh, a
mov a, 01010000b
; timer clock source=fSYS and timer on
mov tmrc, a
p10:
clr wdt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com