Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS539 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS539
Description  Bipolar Hall-Effect Position Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS539 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS539 Datasheet HTML 1Page - SEC Electronics Inc. SS539 Datasheet HTML 2Page - SEC Electronics Inc. SS539 Datasheet HTML 3Page - SEC Electronics Inc. SS539 Datasheet HTML 4Page - SEC Electronics Inc. SS539 Datasheet HTML 5Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SS539
Bipolar Hall-Effect Position Sensor
Packages
Features and Benefits
–
4.5V to 24V Operation
–
-40℃ to 150℃ Superior temperature operation
–
Bipolar technology
–
Open-collector 25 mA output
–
Reverse battery protection
–
Solid-state reliability
–
Resistant to physical stress
–
Small Size-SOT23 3L and SIP 3L
–
Activate with small, commercially available
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
Permanent magnets
 
Functional Block Diagram
Application Examples
–
Automotive, Consumer and Industrial
–
Solid-state switch
–
Brushless DC motor commutation
–
Speed measurement
–
Angular position detection
–
Revolution counting
–
Proximity detection
 
General Description
The SS539 is an integrated Hall effect latched sensor
designed for electronic commutation of brush-less DC
motor applications. The device integrates a voltage
regulator, reverse battery protection diode, Hall sensor
with dynamic offset cancellation system, temperature
compensation circuitry, small signal amplifier, Schmitt
trigger and an open-collector output to sink up to 25 mA
These Hall-effect switches are monolithic integrated circuits with tighter magnetic specifications, designed to operate
continuously over extended temperatures to +150 ,
℃
and are more stable with both temperature and supply voltage
changes. If a magnetic flux density larger than threshold Bop, Output is turned on (low). The output state is held until a
magnetic flux density reversal falls below BRP, causing Output to be turned off (high).
Thanks to its wide operating voltage range and extended choice of temperature range, it is quite suitable for use in DC
motor applications.
The device is delivered in a Small Outline Transistor (SOT) or in a Plastic Single In Line ( SIP 3L flat). Both 3-lead
packages are RoHS compliant.
SIP Package
SOT Package
Pin 1 – VDD
Pin 1 – VDD
Pin 2 – GND
Pin 2 – OUT
Pin 3 – OUT
Pin 3 – GND
 
1
V2.10
May 1, 2012


Similar Part No. - SS539

ManufacturerPart #DatasheetDescription
logo
SEC Electronics Inc.
SS539ESOT SECELECTRONICS-SS539ESOT Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
SS539EUA SECELECTRONICS-SS539EUA Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
SS539KSOT SECELECTRONICS-SS539KSOT Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
SS539KUA SECELECTRONICS-SS539KUA Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
SS539LSOT SECELECTRONICS-SS539LSOT Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
More results

Similar Description - SS539

ManufacturerPart #DatasheetDescription
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
BIPOLAR HALL EFFECT POSITION SENSOR
logo
Honeywell Solid State E...
SS30AT HONEYWELL-SS30AT Datasheet
919Kb / 6P
Bipolar Hall-effect Magnetic Position Sensors
logo
BCD Semiconductor Manuf...
AH41Z3-AG1 BCDSEMI-AH41Z3-AG1 Datasheet
356Kb / 10P
BIPOLAR HALL-EFFECT POSITION SENSORS
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
Bipolar Hall-Effect Position Sensor
logo
Diodes Incorporated
AH41 DIODES-AH41 Datasheet
356Kb / 10P
BIPOLAR HALL-EFFECT POSITION SENSORS
Rev 1
logo
SEC Electronics Inc.
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
Bipolar Hall-Effect Position Sensor
logo
Melexis Microelectronic...
MLX90215 MELEXIS-MLX90215_12 Datasheet
945Kb / 14P
Position Programmable Linear Hall Effect Sensor
logo
TT Electronics.
8150 TTELEC-8150 Datasheet
525Kb / 5P
Hall Effect, Non-Contacting Position Sensor
logo
Honeywell Solid State E...
SS41 HONEYWELL-SS41 Datasheet
1Mb / 8P
Bipolar Hall-Effect Digital Position Sensor ICs
logo
CTS Corporation
286 CTS-286 Datasheet
672Kb / 4P
Multi-turn Hall-Effect Position Sensor
2022-10-20 Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com