Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS632 Datasheet(PDF) 1 Page - SEC Electronics Inc.

Part # SS632
Description  Hall Latch - High Sensitivity
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS632 Datasheet(HTML) 1 Page - SEC Electronics Inc.

  SS632 Datasheet HTML 1Page - SEC Electronics Inc. SS632 Datasheet HTML 2Page - SEC Electronics Inc. SS632 Datasheet HTML 3Page - SEC Electronics Inc. SS632 Datasheet HTML 4Page - SEC Electronics Inc. SS632 Datasheet HTML 5Page - SEC Electronics Inc. SS632 Datasheet HTML 6Page - SEC Electronics Inc. SS632 Datasheet HTML 7Page - SEC Electronics Inc. SS632 Datasheet HTML 8Page - SEC Electronics Inc. SS632 Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SS732/SS632
Hall Latch - High Sensitivity
eatures and Benefits
5V to 24V
rpose
F
Application Examples
Automotive, Consumer and Industrial
Solid-state switch
Brushless DC motor commutation
Speed detection
Linear position detection
Angular position detection
Proximity detection
 
–
Wide operating voltage range from 2.
–
High magnetic sensitivity – Multi-pu
–
–
–
–
–
–
–
–
CMOS technology
–
Chopper-stabilized amplifier stage
stability
Superior temperature
Extremely low switchpoint drift
Insensitive to physical stress
–
Low current consumption
–
Output driver with internal pull-up resistor
–
Tiny SOT23 3L or flat SIP 3L
both RoHS Compliant packages
3 pin SOT23 (suffix SO)
3 pin SIP (suffix UA)
Functional Block Diagram
 
VDD
                                                            
1
V2.00
May.1, 2012
OUT
Voltage
Regulatr
Chopper
Hall
Plate
GND
Rpu
UA P
SO Package
Pin 1 – VDD
Pin 1 – VDD
Pin 2 – GND
Pin 2
Pin 3 – OUT
Pin 3
ackage
– OUT
– GND


Similar Part No. - SS632

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SS63 FRONTIER-SS63 Datasheet
124Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SS63 ASEMI-SS63 Datasheet
164Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
logo
Frontier Electronics.
SS63-LFR FRONTIER-SS63-LFR Datasheet
120Kb / 2P
6A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Silicon Standard Corp.
SS6340 SSC-SS6340 Datasheet
682Kb / 16P
High Performance, Triple-Output, Auto-Tracking Combo Controller
SS6340CSTB SSC-SS6340CSTB Datasheet
682Kb / 16P
High Performance, Triple-Output, Auto-Tracking Combo Controller
More results

Similar Description - SS632

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
US1881 MELEXIS-US1881 Datasheet
503Kb / 12P
Hall Latch - High Sensitivity
logo
SEC Electronics Inc.
SS569 SECELECTRONICS-SS569 Datasheet
273Kb / 8P
Hall Latch - High Sensitivity
SS1881 SECELECTRONICS-SS1881 Datasheet
244Kb / 9P
Hall Latch - High Sensitivity
SS542 SECELECTRONICS-SS542 Datasheet
301Kb / 6P
Hall Latch - High Sensitivity
SS732_1311 SECELECTRONICS-SS732_1311 Datasheet
353Kb / 9P
Hall Latch - High Sensitivity
SS2309 SECELECTRONICS-SS2309 Datasheet
340Kb / 8P
Hall Latch - High Sensitivity
SS2509-R SECELECTRONICS-SS2509-R Datasheet
344Kb / 8P
Hall Latch - High Sensitivity
SS2712 SECELECTRONICS-SS2712 Datasheet
390Kb / 9P
Hall Latch - High Sensitivity
SS2881 SECELECTRONICS-SS2881 Datasheet
289Kb / 8P
Hall Latch - High Sensitivity
logo
Melexis Microelectronic...
US1881 MELEXIS-US1881_12 Datasheet
1Mb / 12P
Hall Latch ??High Sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com