Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS632 Datasheet(PDF) 3 Page - SEC Electronics Inc.

Part # SS632
Description  Hall Latch - High Sensitivity
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS632 Datasheet(HTML) 3 Page - SEC Electronics Inc.

  SS632 Datasheet HTML 1Page - SEC Electronics Inc. SS632 Datasheet HTML 2Page - SEC Electronics Inc. SS632 Datasheet HTML 3Page - SEC Electronics Inc. SS632 Datasheet HTML 4Page - SEC Electronics Inc. SS632 Datasheet HTML 5Page - SEC Electronics Inc. SS632 Datasheet HTML 6Page - SEC Electronics Inc. SS632 Datasheet HTML 7Page - SEC Electronics Inc. SS632 Datasheet HTML 8Page - SEC Electronics Inc. SS632 Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SS732/SS632
Hall Latch - High Sensitivity
Pin Definitions and Description
Type
Function
SOT Pin №
SIP Pin №
Name
1
1
DD
upply
Sup
ge pin
V
S
ply Volta
2
3
OUT
Output
Open Drain Output pin
3
2
GND
Ground
Ground pin
Detailed General Description
The S732 exhibits latch magnetic switching characteristics. Therefore, it requir
The OUT pin of these devices switches low (turns on) when a magnetic field
threshold, BOP. After turn-on, the output voltage is VDSon. Note that the devic
es both south and north poles to operate properly.
perpendicular to the Hall sensor exceeds the operate point
tches, that is, a south pole of sufficient strength
towards the branded surface of the device turns the device on. The device remains on if the south pole is removed (B→0). This
ry.
When t
op
point, and allows clean switching of the output even in the presence of external mechanical vibration and electrical noise.
Th
eq
Po
RP) allows an indeterminate output state. The correct
sta
OP
RP
Th
str
0mT
0mT
e la
latching property defines the device as a magnetic memo
he magnetic field is reduced below the release point, BRP , the OUT pin turns off (goes high). The difference in the magnetic
erate and release points is the hysteresis, BHYS , of the device. This built-in hysteresis prevents output oscillation near the switching
e device behaves as a latch with symmetric operating and release switching points (BOP=|BRP|). This means magnetic fields with
uivalent strength and opposite direction drive the output high and low.
wering-on the device in the hysteresis region (less than BOP and higher than B
te is attained after the first excursion beyond B
or B
.
e SOT-23 device is reversed from the UA package. The SOT-23 output transistor will be latched on in the presence of a sufficiently
ong North pole magnetic field applied to the marked face.
Output level
Output level
OUT = High
                                                               
3
V2.00
May.1, 2012
Flux density
B OP
18Gs typ
OUT = Low
OUT = Low
UA package
- Latch characteristic
B OP
18Gs typ
B RP
-18Gs typ
B RP
-18Gs typ
Flux densit
OUT = High
B HYS
B HYS
y
SO
package
- Latch characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com