Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS632 Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS632
Description  Hall Latch - High Sensitivity
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS632 Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS632 Datasheet HTML 1Page - SEC Electronics Inc. SS632 Datasheet HTML 2Page - SEC Electronics Inc. SS632 Datasheet HTML 3Page - SEC Electronics Inc. SS632 Datasheet HTML 4Page - SEC Electronics Inc. SS632 Datasheet HTML 5Page - SEC Electronics Inc. SS632 Datasheet HTML 6Page - SEC Electronics Inc. SS632 Datasheet HTML 7Page - SEC Electronics Inc. SS632 Datasheet HTML 8Page - SEC Electronics Inc. SS632 Datasheet HTML 9Page - SEC Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SS732/SS632
Hall Latch - High Sensitivity
                                                               
2
V2.00
May.1, 2012
General Description
or IC fabricated from
mixed si
regul
Sc
all
sta
sw
Elect
specifications and performance have been optimized for
ation appl
ks to its w
ure ra
onsu
r
ic Single In
kages are
Glossary of Terms
Mi iTesla (mT),
Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
S
utline Transistor (SOT package) – also referred with the package code “SO”
ES
E
tro-
BL
Op
OP)
e
flux
(V
Release Point (BRP) Magnetic flux density applied on the branded side of the package which turns the output driver OFF
(VOUT
The S732 is a bipolar Hall effect sens
gnal CMOS technology. The device integrates a voltage
ator, Hall sensor with dynamic offset cancellation system,
hmitt trigger and an output driver with internal pull-up resistor,
in a single package. It incorporates advanced chopper
bilization techniques to provide accurate and stable magnetic
itch points. There are many applications for this HED – Hall
ronic Device - in addition to those listed above. The design,
commut
ications in 5V and 12V brushless DC motors.
Than
ide operating voltage range and extended choice
of temperat
nge, it is quite suitable for use in automotive,
industrial and c
Small Outline T
Plast
3-lead pac
mer applications. The device is delivered in a
ansistor (SOT) for surface mount process or in a
Line (SIP 3L flat) for through- hole mount. Both
RoHS compliant.
ll
OT
Small O
D
lec
Static Discharge
DC
Brush-Less Direct-Current
erating Point (B
Magn tic
density applied on the branded side of the package which turns the output driver ON
OUT = VDSon)
= high)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com