Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC63LVDR84B Datasheet(PDF) 9 Page - THine Electronics, Inc.

Part # THC63LVDR84B
Description  LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER (Rising Edge Clock)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDR84B Datasheet(HTML) 9 Page - THine Electronics, Inc.

Back Button THC63LVDR84B Datasheet HTML 2Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 9Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 10Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Copyright©2011 THine Electronics, Inc.
9/10
THine Electronics, Inc.
THC63LVDR84B_Rev.2.2_E
Package
0.50 TYP
0.17~0.27
14.00 ± 0.10
1
0.25 GAGE PLANE
0.60 ± 0.15
1.00
0.10 ± 0.05
0.95 ± 0.05
1.20 MAX
Detail of Lead End
Unit:mm
0°~8°
S
0.10 S
8.10 ± 0.10
6.10 ± 0.10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com