Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC63LVDR84B Datasheet(PDF) 4 Page - THine Electronics, Inc.

Part # THC63LVDR84B
Description  LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER (Rising Edge Clock)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDR84B Datasheet(HTML) 4 Page - THine Electronics, Inc.

  THC63LVDR84B Datasheet HTML 1Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 2Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Copyright©2011 THine Electronics, Inc.
4/10
THine Electronics, Inc.
THC63LVDR84B_Rev.2.2_E
Supply Current
Vcc = VCC = PVCC = LVCC
Symbol
Parameter
Condition(*)
Typ.
Max.
Units
IRCCG
Receiver Supply Current
16Grayscale Pattern
CL=8pF, VCC=3.3V
f = 65MHz
41
53
mA
f = 85MHz
52
64
mA
CL=8pF, VCC=2.5V
f = 65MHz
30
42
mA
IRCCW
Receiver Supply Current
Worst Case Pattern
CL=8pF, VCC=3.3V
f = 65MHz
72
94
mA
f = 85MHz
84
96
mA
CL=8pF, VCC=2.5V
f = 65MHz
42
64
mA
IRCCS
Receiver Power Down
Supply Current
/PDWN = L
10
μA
CLKIN
Rx0
Rx1
Rx2
Rx3
Rx4
Rx5
Rx6
16 Gray Scale Pattern
CLKIN
EVEN RxIN
ODD RxIN
Worst Case Pattern



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com