Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THC63LVDR84B Datasheet(PDF) 1 Page - THine Electronics, Inc.

Part # THC63LVDR84B
Description  LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER (Rising Edge Clock)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDR84B Datasheet(HTML) 1 Page - THine Electronics, Inc.

  THC63LVDR84B Datasheet HTML 1Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 2Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDR84B Datasheet HTML 9Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
THC63LVDR84B_Rev.2.2_E
Copyright©2011 THine Electronics, Inc.
1/10
THine Electronics, Inc.
THC63LVDR84B
LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER (Rising Edge Clock)
General Description
The THC63LVDR84B receiver supports wide VCC
range(2.5~3.6V). A t single 2.5V suppl y, the
THC63LVDR84B reduces EMI and power consump-
tion.
The THC63LVDR84B receiver convert the four
LVDS(Low Voltage Differential Signaling) data streams
back into 24bits of CMOS/TTL data with rising edge
clock.
At a transmit clock frequency of 85MHz, 24bits of RGB
data an d 4b its of LC D timing an d co ntrol da ta
(HSYNC, VSYNC, CNTL1, CNTL2) are transmitted at
a rate of 2.3Gbps.
Features
• Wide dot clock and Wide VCC range:
• Rising Edge Clock
• PLL requires No external components
• Rx power consumption < 80mW @VCC 2.5V,
65MHz Grayscale
• Power-Down Mode
• Low profile 56 Lead TSSOP Package
• Pin compatible with DS90CR286ATMD
15 to 20
20 to 70
70 to 85
2.5 to 2.7
n/a
available
n/a
2.7 to 3.0 available available
n/a
3.0 to 3.6 available available available
n/a : not available
Clock Frequency[MHz]
VCC[V]
Block Diagram
PLL
RA +/-
RB +/-
RC +/-
RD +/-
RCLK +/-
/PDWN
RA0-6
RC0-6
RD0-6
RECEIVER
(15 to 85MHz)
CMOS/TTL
RB0-6
OUTPUT
CLOCK
(LVDS)
15 to 85MHz
DATA
(LVDS)
(105-595Mbit/On Each LVDS Channel)
7
7
7
7
CLOCK OUT
THC63LVDR84B


Similar Part No. - THC63LVDR84B

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVDR84B THINE-THC63LVDR84B_15 Datasheet
227Kb / 11P
LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER (Rising Edge Clock)
More results

Similar Description - THC63LVDR84B

ManufacturerPart #DatasheetDescription
logo
THine Electronics, Inc.
THC63LVDF84B THINE-THC63LVDF84B Datasheet
159Kb / 10P
LVDS 24Bit/18Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER
THC63LVDM83R THINE-THC63LVDM83R Datasheet
194Kb / 12P
REDUCED SWING LVDS 24Bit/18Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDM83D THINE-THC63LVDM83D Datasheet
101Kb / 12P
REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDF84B-5S THINE-THC63LVDF84B-5S Datasheet
339Kb / 11P
LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER(Falling Edge Clock)
THC63LVDM83C-5S THINE-THC63LVDM83C-5S Datasheet
522Kb / 13P
REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
THC63LVDR84B THINE-THC63LVDR84B_15 Datasheet
227Kb / 11P
LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER (Rising Edge Clock)
THC63LVDR84C THINE-THC63LVDR84C Datasheet
534Kb / 16P
24bit Color LVDS Receiver (Rising Edge Strobe Output)
THC63LVDF84B THINE-THC63LVDF84B_16 Datasheet
1Mb / 16P
24bit COLOR LVDS RECEIVER (Falling Edge Clock)
THC63LVDF84B5S THINE-THC63LVDF84B5S Datasheet
77Kb / 10P
LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE RECEIVER(Falling Edge Clock)
THC63LVDM83C5S THINE-THC63LVDM83C5S Datasheet
121Kb / 12P
REDUCED SWING LVDS 24Bit COLOR HOST-LCD PANEL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com