Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2S08B Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST2S08B
Description  Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S08B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST2S08B Datasheet HTML 4Page - STMicroelectronics ST2S08B Datasheet HTML 5Page - STMicroelectronics ST2S08B Datasheet HTML 6Page - STMicroelectronics ST2S08B Datasheet HTML 7Page - STMicroelectronics ST2S08B Datasheet HTML 8Page - STMicroelectronics ST2S08B Datasheet HTML 9Page - STMicroelectronics ST2S08B Datasheet HTML 10Page - STMicroelectronics ST2S08B Datasheet HTML 11Page - STMicroelectronics ST2S08B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Typical performance characteristics
ST2S08B
8/18
Doc ID 18290 Rev 2
6
Typical performance characteristics
Figure 4.
Feedback voltage vs. temperature
Figure 5.
Efficiency vs. output current 1
Figure 6.
Efficiency vs. output current 2
Figure 7.
Switching frequency vs.
temperature
Figure 8.
Duty cycle vs. temperature
Figure 9.
Inhibit threshold vs. temperature
0.76
0.77
0.78
0.79
0.8
0.81
0.82
0.83
0.84
-50
-25
0
25
50
75
100
125
Temperature [
°C]
AM07883v1
V
IN = 5 V, Vfb1,Vfb2 connected to VO1-2 , IO1 = IO2 = 10 mA
AM07884v1
0
10
20
30
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
Output current 1 [A]
V
IN = 5 V, VO1 = 1.2 V , VO2
NO LOAD
AM07885v1
0
10
20
30
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
Output Current 2 [A]
V
IN = 5 V, VO2 = 3.3 V, VO1 NO LOAD
AM07886v1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-50
-25
0
25
50
75
100
125
Temperature [
°C]
V
IN = 5 V, VFB1 = VFB2 = 0.7 V
AM07887v1
80
82
84
86
88
90
92
94
96
98
100
-50
-25
0
25
50
75
100
125
Temperature [
°C]
V
IN = 5 V, VFB1 = VFB2 = 0.7 V
AM07889v1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-50
-25
0
25
50
75
100
125
T [
°C]
ON
OFF
V
IN = 5.5 V , IO1 =IO2 = 100 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com