Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2S08B Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST2S08B
Description  Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S08B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST2S08B Datasheet HTML 7Page - STMicroelectronics ST2S08B Datasheet HTML 8Page - STMicroelectronics ST2S08B Datasheet HTML 9Page - STMicroelectronics ST2S08B Datasheet HTML 10Page - STMicroelectronics ST2S08B Datasheet HTML 11Page - STMicroelectronics ST2S08B Datasheet HTML 12Page - STMicroelectronics ST2S08B Datasheet HTML 13Page - STMicroelectronics ST2S08B Datasheet HTML 14Page - STMicroelectronics ST2S08B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ST2S08B
Application information
Doc ID 18290 Rev 2
11/18
8
Application information
8.1
Introduction
The following technical information is used for estimating typical external component
characteristics using standard equations. Nevertheless, it is strongly recommended to
validate the suitability of external components to the application requirements by thoroughly
testing any solution at bench level on a real evaluation circuit.
8.2
Programming the output voltage
The output voltage for both channels can be adjusted from 0.8 V up to 85 % of the input
voltage value by connecting a resistor divider between VO and GND, the middle point of the
divider must be connected to the feedback (FB) pin, as shown in
Figure 3.
The resistor divider must be chosen according to the following equations:
Equation 1
Equation 2
Using a resistor with a value in the range of 1 k
Ω to 50 kΩ is recommended. Lower values
are also suitable, but increase current consumption.
8.3
Inductor selection
The inductor is the key passive component for switching converters.
The critical inductance values can then be obtained according to the following formulas:
Equation 3
FSW = switching frequency
ΔIL = the peak-to-peak inductor ripple current. As a rule of thumb, the peak-to-peak ripple
can be set at 20 % - 40 % of the output current.
The peak current of the inductor can be calculated as:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
=
2
R
1
R
1
V
V
1
FB
1
O
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
=
4
R
3
R
1
V
V
2
FB
2
O
L
SW
MAX
_
IN
O
MAX
_
IN
O
MIN
I
F
V
)
V
V
(
V
L
Δ
×
×
−
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com