Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2S08B Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST2S08B
Description  Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2S08B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST2S08B Datasheet HTML 6Page - STMicroelectronics ST2S08B Datasheet HTML 7Page - STMicroelectronics ST2S08B Datasheet HTML 8Page - STMicroelectronics ST2S08B Datasheet HTML 9Page - STMicroelectronics ST2S08B Datasheet HTML 10Page - STMicroelectronics ST2S08B Datasheet HTML 11Page - STMicroelectronics ST2S08B Datasheet HTML 12Page - STMicroelectronics ST2S08B Datasheet HTML 13Page - STMicroelectronics ST2S08B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
General information
ST2S08B
10/18
Doc ID 18290 Rev 2
7
General information
The ST2S08B is a dual adjustable current mode PWM step-down DC-DC converter.
It is a complete 1.5 A switching regulator with internal compensation that eliminates the
need for additional components.
The constant frequency, current mode, PWM architecture and stable operation with ceramic
capacitors, results in low, predictable output ripple.
To clamp the error amplifier reference voltage, a soft-start control block, generating a
voltage ramp, has been implemented. Other circuits fitted to the device protection are the
thermal shut-down block, which turns off the regulator when the junction temperature
exceeds 150 °C (typ.), and cycle-by-cycle switching current limiting.
Operation of the device requires few components: 2 inductors, 3 capacitors, and a resistor
divider. The chosen inductor must be capable of not saturating at the peak current level. Its
value should be selected keeping in mind that a large inductor value increases the efficiency
at low output current and reduces output voltage ripple, while a smaller inductor can be
chosen when it is important to reduce package size and total application cost.
Finally, the ST2S08 has been designed to work properly with X5R or X7R SMD ceramic
capacitors both at input and at output. These types of capacitors, due to their very low series
resistance (ESR), minimize the output voltage ripple. Other low ESR capacitors can be
used, according to the needs of the application, without compromising the correct
functioning of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com